Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B992 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B992
Description  Programmable Skew Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B992 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B992 Datasheet HTML 1Page - Cypress Semiconductor CY7B992 Datasheet HTML 2Page - Cypress Semiconductor CY7B992 Datasheet HTML 3Page - Cypress Semiconductor CY7B992 Datasheet HTML 4Page - Cypress Semiconductor CY7B992 Datasheet HTML 5Page - Cypress Semiconductor CY7B992 Datasheet HTML 6Page - Cypress Semiconductor CY7B992 Datasheet HTML 7Page - Cypress Semiconductor CY7B992 Datasheet HTML 8Page - Cypress Semiconductor CY7B992 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY7B991
CY7B992
Programmable Skew Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07138 Rev. *B
Revised June 22, 2007
Features
All output pair skew <100 ps typical (250 maximum)
3.75 to 80 MHz output operation
User selectable output functions
Selectable skew to 18 ns
Inverted and non-inverted
Operation at 1⁄2 and 1⁄4 input frequency
Operation at 2x and 4x input frequency (input as low as 3.75
MHz)
Zero input to output delay
50% duty cycle outputs
Outputs drive 50Ω terminated lines
Low operating current
32-pin PLCC/LCC package
Jitter < 200 ps peak-to-peak (< 25 ps RMS)
Functional Description
The CY7B991 and CY7B992 Programmable Skew Clock Buffers
(PSCB) offer user selectable control over system clock functions.
These multiple output clock drivers provide the system integrator
with functions necessary to optimize the timing of high perfor-
mance computer systems. Each of the eight individual drivers,
arranged in four pairs of user controllable outputs, can drive
terminated transmission lines with impedances as low as 50
Ω.
They can deliver minimal and specified output skews and full
swing logic levels (CY7B991 TTL or CY7B992 CMOS).
Each output is hardwired to one of the nine delay or function
configurations. Delay increments of 0.7 to 1.5 ns are determined
by the operating frequency with outputs that skew up to ±6 time
units from their nominal “zero” skew position. The completely
integrated PLL allows cancellation of external load and trans-
mission line delay effects. When this “zero delay” capability of the
PSCB is combined with the selectable output skew functions,
you can create output-to-output delays of up to ±12 time units.
Divide-by-two and divide-by-four output functions are provided
for additional flexibility in designing complex clock systems.
When combined with the internal PLL, these divide functions
enable distribution of a low frequency clock that are multiplied by
two or four at the clock destination. This facility minimizes clock
distribution difficulty, allowing maximum system clock speed and
flexibility.
Logic Block Diagram
TEST
FB
REF
VCO AND
TIME UNIT
GENERATOR
FS
SELECT
INPUTS
(THREE
LEVEL)
SKEW
SELECT
MATRIX
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
FILTER
PHASE
FREQ
DET


Similar Part No. - CY7B992

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B992 CYPRESS-CY7B992 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B992-2 CYPRESS-CY7B992-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992-2JC CYPRESS-CY7B992-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B992-5 CYPRESS-CY7B992-5 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B992

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com