Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C130BV25 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C130BV25
Description  RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C130BV25 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C130BV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C130BV25 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document #: 001-06217 Rev. *C
Page 2 of 8
Table 2. Issue Definition and fix status for different devices
1. DOFF Pin Issue
• ISSUE DEFINITION
This issue involves the DLL not turning ON properly if a large resistor is used (eg:-10K
) as an external pullup
resistor to enable the DLL. If a 10K
or higher pullup resistor is used externally, the voltage on DOFF is not
high enough to enable the DLL.
• PARAMETERS AFFECTED
The functionality of the device will be affected because of the DLL is not turning ON properly. When the DLL
is enabled, all AC and DC parameters on the datasheet are met.
• TRIGGER CONDITION(S)
Having a 10K
or higher external pullup resistor for disabling the DOFF pin.
• SCOPE OF IMPACT
This issue will alter the normal functionality of the QDRII/DDRII devices when the DLL is disabled.
• EXPLANATION OF ISSUE
Figure 1 shows the DOFF pin circuit with an internal 5K
internal resistor. The fix planned is to disable the
internal 5K
leaker.
• WORKAROUND
2.
O/P Buffer enters a locked up unde-
fined state after controls or clocks are
left floating. No proper read/write
access can be done on the device
until a dummy read is performed.
9Mb - “D” Rev - Ram9
18Mb - “B” Rev - Ram9
36Mb - “A” Rev - Ram9
72Mb - Ram9
QDR-I/DDR-I/
QDR-II/DDR-II Devices
The fix has been implemented on
the new revision and is now avail-
able.
3.
The EXTEST function in the JTAG
test fails when input K clock is floating
in the JTAG mode.
9Mb - “D” Rev - Ram9
18Mb - “B” Rev - Ram9
36Mb - “A” Rev - Ram9
72Mb - Ram9
QDR-I/DDR-I/
QDR-II/DDR-II Devices
The fix involved bypassing the ZQ
circuitry in JTAG mode. This was
done by overriding the ZQ circuit-
ry by the JTAG signal. The fix has
been implemented on the new re-
vision and is now available.
Figure 1. DOFF pin with the 5K
internal resistor
Item
Issue
Device
Fix Status


Similar Part No. - CY7C130BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C130 CYPRESS-CY7C130 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130-30PC CYPRESS-CY7C130-30PC Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C130-30PC CYPRESS-CY7C130-30PC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130-30PI CYPRESS-CY7C130-30PI Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C130BV25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com