Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7B991
Description  Programmable Skew Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7B991 Datasheet HTML 3Page - Cypress Semiconductor CY7B991 Datasheet HTML 4Page - Cypress Semiconductor CY7B991 Datasheet HTML 5Page - Cypress Semiconductor CY7B991 Datasheet HTML 6Page - Cypress Semiconductor CY7B991 Datasheet HTML 7Page - Cypress Semiconductor CY7B991 Datasheet HTML 8Page - Cypress Semiconductor CY7B991 Datasheet HTML 9Page - Cypress Semiconductor CY7B991 Datasheet HTML 10Page - Cypress Semiconductor CY7B991 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY7B991
CY7B992
Document Number: 38-07138 Rev. *B
Page 7 of 19
Capacitance
CMOS output buffer current and power dissipation specified at 50 MHz reference frequency.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
10
pF
AC Test Loads and Waveforms
TTL AC Test Load (CY7B991)
TTL Input Test Waveform (CY7B991)
5V
R1
R2
CL
R1
R2
CL
CMOS AC Test Load (CY7B992)
3.0V
2.0V
Vth =1.5V
0.8V
0.0V
≤1ns
≤1ns
2.0V
0.8V
Vth =1.5V
80%
Vth =VCC/2
20%
0.0V
≤3ns
≤3ns
80%
20%
Vth =VCC/2
CMOS Input Test Waveform (CY7B992)
VCC
R1=130
R2=91
CL =50 pF (CL =30 pF for –2 and –5 devices)
(Includes fixture and probe capacitance)
R1=100
R2=100
CL =50 pF (CL
(Includes fixture and probe capacitance)
VCC
=30 pF for –2 and –5 devices)


Similar Part No. - CY7B991

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991-2 CYPRESS-CY7B991-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991-2JC CYPRESS-CY7B991-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991-5 CYPRESS-CY7B991-5 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B991

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com