Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309C-1H Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2309C-1H
Description  Zero Delay Buffers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309C-1H Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2309C-1H Datasheet HTML 1Page - Cypress Semiconductor CY2309C-1H Datasheet HTML 2Page - Cypress Semiconductor CY2309C-1H Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 3 of 12
CY2309C
Figure 2. Pin Diagram - 16 Pin SOIC/TSSOP
Table 2. Pin Definition - 16 Pin SOIC/TSSOP
Zero Delay and Skew Control
All outputs must be uniformly loaded to achieve Zero Delay between the input and output. Since the CLKOUT pin is the internal
feedback to the PLL, its relative loading can adjust the input or output delay.
For applications requiring zero input or output delay, all outputs including CLKOUT are equally loaded. Even if CLKOUT is not used,
it must have a capacitive load equal to that on other outputs for obtaining zero input or output delay.
For zero output or output skew, all outputs are loaded equally. For further information refer to the application note entitled “CY2305
and CY2309 as PCI and SDRAM Buffers”.
Pin
Signal
Description
1REF[1]
Input reference frequency
2
CLKA1[2]
Buffered clock output, Bank A
3
CLKA2[2]
Buffered clock output, Bank A
4VDD
3.3V supply
5
GND
Ground
6
CLKB1[2]
Buffered clock output, Bank B
7
CLKB2[2]
Buffered clock output, Bank B
8S2[3]
Select input, bit 2
9S1[3]
Select input, bit 1
10
CLKB3[2]
Buffered clock output, Bank B
11
CLKB4[2]
Buffered clock output, Bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3[2]
Buffered clock output, Bank A
15
CLKA4[2]
Buffered clock output, Bank A
16
CLKOUT[2]
Buffered output, internal feedback on this pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
Top View
CY2309C
Notes
3. Weak pull ups on these inputs.
4. This output is driven and has an internal feedback for the PLL. The load on this output is adjusted to change the skew between the reference and output.
Table 3. Select Input Decoding for CY2309C
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT[4]
Output Source
PLL Shutdown
0
0
Three state
Three state
Driven
PLL
N
0
1
Driven
Three state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
[+] Feedback
[+] Feedback


Similar Part No. - CY2309C-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309C CYPRESS-CY2309C Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2309C CYPRESS-CY2309C Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2309CSXC-1 CYPRESS-CY2309CSXC-1 Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2309CSXC-1 CYPRESS-CY2309CSXC-1 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2309CSXC-1H CYPRESS-CY2309CSXC-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2309C-1H

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-06 ICST-ICS9179-06 Datasheet
496Kb / 8P
   Zero Delay Buffers
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
   2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
   2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
logo
Potato Semiconductor Co...
PO74G34A POTATO-PO74G34A_14 Datasheet
1Mb / 5P
   HEX BUFFERS/ DELAY ELEMENTS
PO74G34A POTATO-PO74G34A Datasheet
474Kb / 6P
   HEX BUFFERS/ DELAY ELEMENTS
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com