Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBRC15.00M30X0AB Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # PBRC15.00M30X0AB
Description  MHz Band Ceramic Chip Resonators (SMD)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PBRC15.00M30X0AB Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  PBRC15.00M30X0AB Datasheet HTML 1Page - Kyocera Kinseki Corpotation PBRC15.00M30X0AB Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MHz Band Ceramic Chip Resonators (SMD)
PBRC-H / PBRC-M Series
Features
• High reliability, high temperature
withstanding ceramic case
• Rectangular shape allows easy pick and
placement
• Small & low profile
• Reflow solderable
• Excellent Solderability(Nickel barrier
+Au
flush termination)
Dimensions
(Unit : mm)
3-1.2
2.5
2.5
12
3
6-R0.2
7.4
#
Pin #
1
Input
2
Ground
3
Output
Recommended Land pattern (Unit : mm)
(Unit : mm)
1.7
1.5
1.7
4.0
2.5
2.5
The thickness of solder paste : 0.2mm
Notice
Please refer to IC Application Guide on our WEB site for IC
matching.
1. 3 Input, Output(No polarity)
2.
GND
Standard Tol. :
±0.3
Test Circuit
C1
C2
Resonator
Out
Rf
Vdd
= 5.0V
7
4
3
2
1
14
VDD : 5V
R
: 1M
IC
: MC14069UB (2 to 8MHz)
MC74HCU04 (8.01 to 20MHz)
MC14069UB
or
MC74HCU04
PBRC-M Type
PBRC-H Type
PBRC-M Type
PBRC-H Type
13
2
6-R0.45
1.5
1.5
4.1
4.5
0.4
XXX
6.7
6-0.3
1.5
1.5
1.0
1.0
1.0
0.4
Please contact our local sales office if you need over 8MHz.
Specifications
Series
Frequency
Frequency
Temperature
Range(MHz) Tolerance(25
°C)
Stability
±0.5%
±0.5%
2.00 to 8.00 (op.
±0.3%) (−40 to 85°C)
PBRC-H
±0.7%
±0.1%
8.01 to 20.0 (op.
±0.5%) (−40 to 85°C)
±0.5%
±0.5%
3.68 to 8.00 (op.
±0.3%) (−40 to 85°C)
PBRC-M
±0.7%
±0.1%
8.01 to 20.0 (op.
±0.5%) (−40 to 85°C)
How to Order
PBRC 15.00 H R 10 Y 0AB
qSeries (PBRC: Consumer)
wFrequency (MHz)
eType(H,M)
rPacking _ Bulk
(Null)
R
Reel
tFrequency Tolerance at 25
°C
yOperating temperature
uUnique code
w
qe rt y u
10
±0.1%
20
±0.2%
30
±0.3%
40
±0.4%
50
±0.5%
70
±0.7%
X
−40 / 85°C
Y
−40 / 125°C
Z
−40 / 150°C
RoHS Conforming


Similar Part No. - PBRC15.00M30X0AB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
PBRC15.00MR10X000 AVX-PBRC15.00MR10X000 Datasheet
110Kb / 1P
   MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
PBRC15.00MR10Y000 AVX-PBRC15.00MR10Y000 Datasheet
110Kb / 1P
   MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
PBRC15.00MR10Z000 AVX-PBRC15.00MR10Z000 Datasheet
110Kb / 1P
   MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
PBRC15.00MR20X000 AVX-PBRC15.00MR20X000 Datasheet
110Kb / 1P
   MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
PBRC15.00MR20Y000 AVX-PBRC15.00MR20Y000 Datasheet
110Kb / 1P
   MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
More results

Similar Description - PBRC15.00M30X0AB

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
AVX Corporation
PBRC12.00HR70X000 AVX-PBRC12.00HR70X000 Datasheet
207Kb / 5P
   MHz Band Ceramic Chip Resonators (SMD) PBRV-H/ PBRV-M/ PRQV Series
logo
Kyocera Kinseki Corpota...
PBRV419MR50Y000 KSS-PBRV419MR50Y000 Datasheet
110Kb / 5P
   MHz Band Ceramic Chip Resonators (SMD) PBRV/ PRQV Frequency Tight Tolerance Series
logo
AVX Corporation
PBRC2000HR50X000 AVX-PBRC2000HR50X000 Datasheet
110Kb / 1P
   MHz Band Ceramic Chip Resonators (SMD) PBRC-H / PBRC-M / PRQC Series
PBRC-358AR AVX-PBRC-358AR Datasheet
155Kb / 2P
   PBRC -A Series Chip Resonators MHz Band SMT Resonators
PBRC-A AVX-PBRC-A Datasheet
130Kb / 2P
   MHz Band SMT Resonators
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
   HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
logo
PETERMANN-TECHNIK
ZTACC-MG PETERMANN-ZTACC-MG Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
   SMD Ceramic Resonators
ZTTCE14.56MG LUGUANG-ZTTCE14.56MG Datasheet
478Kb / 9P
   SMD Ceramic Resonators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com