Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C129DV18 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C129DV18
Description  RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C129DV18 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C129DV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C129DV18 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
The workaround is to have a low value of external pullup resistor for the DOFF pin (recommended value is
<500
). When DOFF pins from multiple QDR devices are connected through the same pull-up resistors on
the board, it is recommended that this DOFF pin be directly connected to Vdd due to the lower effective
resistance since the "leakers" are in parallel.
Figure 2 shows the proposed workaround and the fix planned.
•FIX STATUS
Fix involved removing the internal pull-down resistor on the DOFF pin. The fix has been implemented on the
new revision and is now available. The new revision is an increment of the existing revision. The following
table lists the devices affected, current revision and the new revision after the fix.
Table 3. List of Affected Devices and the new revison
2.Output Buffer Issue
Figure 2. Proposed workaround with the 500
external pullup
Current Revision
New Revision after the Fix
CY7C129*DV18
CY7C129*EV18
CY7C131*BV18
CY7C131*CV18
CY7C132*BV18
CY7C132*CV18
CY7C139*BV18
CY7C139*CV18
CY7C191*BV18
CY7C191*CV18
CY7C141*AV18
CY7C141*BV18
CY7C142*AV18
CY7C142*BV18
CY7C151*V18
CY7C151*AV18
CY7C152*V18
CY7C152*AV18


Similar Part No. - CY7C129DV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1292DV18 CYPRESS-CY7C1292DV18 Datasheet
993Kb / 23P
   9-Mbit QDR- II??SRAM 2-Word Burst Architecture
CY7C1292DV18-167BZC CYPRESS-CY7C1292DV18-167BZC Datasheet
993Kb / 23P
   9-Mbit QDR- II??SRAM 2-Word Burst Architecture
CY7C1292DV18-167BZI CYPRESS-CY7C1292DV18-167BZI Datasheet
993Kb / 23P
   9-Mbit QDR- II??SRAM 2-Word Burst Architecture
CY7C1292DV18-167BZXC CYPRESS-CY7C1292DV18-167BZXC Datasheet
993Kb / 23P
   9-Mbit QDR- II??SRAM 2-Word Burst Architecture
CY7C1292DV18-167BZXI CYPRESS-CY7C1292DV18-167BZXI Datasheet
993Kb / 23P
   9-Mbit QDR- II??SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C129DV18

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
   DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
XRP2997 EXAR-XRP2997_12 Datasheet
614Kb / 8P
   2A DDR I/II/III Bus Terminatio nRegulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com