Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1335H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UDA1335H
Description  Universal Serial Bus USB Audio Playback Recording Peripheral APRP
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1335H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UDA1335H Datasheet HTML 5Page - NXP Semiconductors UDA1335H Datasheet HTML 6Page - NXP Semiconductors UDA1335H Datasheet HTML 7Page - NXP Semiconductors UDA1335H Datasheet HTML 8Page - NXP Semiconductors UDA1335H Datasheet HTML 9Page - NXP Semiconductors UDA1335H Datasheet HTML 10Page - NXP Semiconductors UDA1335H Datasheet HTML 11Page - NXP Semiconductors UDA1335H Datasheet HTML 12Page - NXP Semiconductors UDA1335H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
1998 Aug 28
9
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB) Audio
Playback Recording Peripheral (APRP)
UDA1335H
FUNCTIONAL DESCRIPTION
The Universal Serial Bus (USB)
Data and power is transferred via the USB over a 4-wire
cable. The signalling occurs over two wires and
point-to-point segments. The signals on each segment are
differentially driven into a cable of 90
Ω intrinsic
impedance. The differential receiver features input
sensitivity of at least 200 mV and sufficient common mode
rejection.
The analog front-end
The analog front-end is an on-chip generic USB
transceiver. It is designed to allow voltage levels up to VDD
from standard or programmable logic to interface with the
physical layer of the USB. It is capable of receiving and
transmitting serial data at full speed (12 Mbits/s).
The USB processor
The USB processor forms the interface between the
analog front-end, the ADIF, the ADAC and the
microcontroller. The USB processor consists of:
• The Philips Serial Interface Engine (PSIE)
• The Memory Management Unit (MMU)
• The Audio Sample Redistribution (ASR) module.
The Philips Serial Interface Engine and Memory
Management Unit (PSIE/MMU)
The PSIE/MMU translates the electrical USB signals into
bytes and signals. Depending upon the USB device
address and the USB endpoint address, the USB data is
directed to the correct endpoint buffer on the PSIE/MMU
interface. The data transfer could be of bulk, isochronous,
control or interrupt type. The USB device address is
configured during the enumeration process.
The UDA1335H has four endpoints. These are:
• Control endpoint 0
• Status interrupt endpoint
• Isochronous data sink endpoint
• Isochronous data source endpoint.
The amount of bytes/packet on the control endpoint is
limited by the PSIE/MMU hardware to 8 bytes/packet.
The PSIE is the digital front-end of the USB processor.
This module recovers the 12 MHz USB clock, detects the
USB sync word and handles all low-level USB protocols
and error checking.
The MMU is the digital back-end of the USB processor.
It handles the temporary data storage of all USB packets
that are received or sent over the bus. Three types of
packets are defined on the USB. These are:
• Token packets
• Data packets
• Handshake packets.
The token packet contains information about the
destination of the data packet. The audio data is
transferred via an isochronous data sink endpoint or
source endpoint and, consequently, no handshaking
mechanism is used. The MMU also generates a 1 kHz
clock that is locked to the USB Start Of Frame (SOF)
token.
The Audio Sample Redistribution (ASR)
The ASR reads the audio samples from the MMU and
distributes these samples equidistant over a 1 ms frame
period. The distributed audio samples are translated by
the digital I/O module to standard I2S-bus format or
Japanese digital I/O format. The ASR generates the bit
clock and the word select signal of the digital I/O.
The digital I/O formats the received audio samples to one
of the four specified serial digital audio formats
(I2S-bus, 16, 18 or 20 bits LSB-justified).
The microcontroller
The microcontroller receives the control information
selected from the USB by the USB processor. It handles
the high-level USB protocols and the user interfaces.
The major task of the software process, that is mapped
upon the microcontroller, is to control the different modules
of the UDA1335H in such a way that it behaves as a USB
device.
Therefore the microcontroller:
• Interprets the USB requests and maps them upon the
UDA1335H application
• Controls the internal operation of the UDA1335H, the
digital I/O pins and the GP I/O pins
• Communicates with the external world (external
controller, EEPROM) using the I2C-bus facility and the
GP I/O pins.
The microcontroller does not handle the audio stream.
The UDA1335H will be delivered with USB compliant
firmware. The firmware must be located in an external
(E)PROM.


Similar Part No. - UDA1335H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330A PHILIPS-UDA1330A Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
UDA1331H PHILIPS-UDA1331H Datasheet
181Kb / 40P
   Universal Serial Bus USB Audio Playback Peripheral APP
1998 Oct 06
UDA1334ATS PHILIPS-UDA1334ATS Datasheet
102Kb / 24P
   Low power audio DAC with PLL
2000 Jul 31
More results

Similar Description - UDA1335H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1331H PHILIPS-UDA1331H Datasheet
181Kb / 40P
   Universal Serial Bus USB Audio Playback Peripheral APP
1998 Oct 06
logo
Intel Corporation
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
   VTR Audio Signal Recording/ Playback Processor?
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
   VTR Audio Signal Recording/Playback Processor
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com