Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB4340 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB4340
Description  24-Bit, 96 kHz Stereo DAC for Audio
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB4340 Datasheet HTML 1Page - Cirrus Logic CDB4340 Datasheet HTML 2Page - Cirrus Logic CDB4340 Datasheet HTML 3Page - Cirrus Logic CDB4340 Datasheet HTML 4Page - Cirrus Logic CDB4340 Datasheet HTML 5Page - Cirrus Logic CDB4340 Datasheet HTML 6Page - Cirrus Logic CDB4340 Datasheet HTML 7Page - Cirrus Logic CDB4340 Datasheet HTML 8Page - Cirrus Logic CDB4340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CS4340
DS297F3
5
ANALOG CHARACTERISTICS (CS4340-KS/KSZ/CZZ) (Test conditions (unless otherwise
specified): Input test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; test load
RL =10kΩ, CL = 10 pF (see Figure 1).)
Parameter
VA = 5.0 V
VA = 3.0 V
Min
Typ
Max
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
(Note 2)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
93
96
-
-
98
101
92
95
-
-
-
-
89
92
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-86
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-89
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
(Note 2)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
93
96
-
-
98
101
92
95
-
-
-
-
89
92
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-86
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-89
-
-
-
-
-
dB
dB
dB
dB
dB
dB


Similar Part No. - CDB4340

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4340 CIRRUS-CDB4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CDB4340A CIRRUS-CDB4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results

Similar Description - CDB4340

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com