Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4340A-KS Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4340A-KS
Description  24-Bit, 192 kHz Stereo DAC for Audio
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A-KS Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4340A-KS Datasheet HTML 3Page - Cirrus Logic CS4340A-KS Datasheet HTML 4Page - Cirrus Logic CS4340A-KS Datasheet HTML 5Page - Cirrus Logic CS4340A-KS Datasheet HTML 6Page - Cirrus Logic CS4340A-KS Datasheet HTML 7Page - Cirrus Logic CS4340A-KS Datasheet HTML 8Page - Cirrus Logic CS4340A-KS Datasheet HTML 9Page - Cirrus Logic CS4340A-KS Datasheet HTML 10Page - Cirrus Logic CS4340A-KS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CS4340A
DS590F2
7
3.4
Digital Interface Format
The device will accept audio samples in several digital interface formats as illustrated in Table 5. The de-
sired format is selected via the DIF1 and DIF0 pins. For an illustration of the required relationship between
LRCK, SCLK and SDIN, see Figures 2-5.
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
32
8.1920
12.2880
16.3840
24.5760
44.1
11.2896
16.9344
22.5792
33.8688
48
12.2880
18.4320
24.5760
36.8640
Table 2. Single-Speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640
Table 3. Double-Speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
176.4
22.5792
33.8688
192
24.5760
36.8640
Table 4. Quad-Speed Mode Standard Frequencies
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
I2S, up to 24-bit data
02
01
Left Justified, up to 24-bit data
13
10
Right Justified, 24-bit Data
24
11
Right Justified, 16-bit Data
35
Table 5. Digital Interface Format - DIF1 and DIF0
LR C K
SCLK
Left C ha nne l
R ig h t C ha n nel
SDIN
+3 +2 +1
+5 +4
MSB
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LSB
MSB
LSB
Figure 2. CS4340A Format 0 - I2S up to 24-Bit Data


Similar Part No. - CS4340A-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340A-KS CIRRUS-CS4340A-KS Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
More results

Similar Description - CS4340A-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com