Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4340-KS Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4340-KS
Description  24-Bit, 96 kHz Stereo DAC for Audio
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340-KS Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4340-KS Datasheet HTML 2Page - Cirrus Logic CS4340-KS Datasheet HTML 3Page - Cirrus Logic CS4340-KS Datasheet HTML 4Page - Cirrus Logic CS4340-KS Datasheet HTML 5Page - Cirrus Logic CS4340-KS Datasheet HTML 6Page - Cirrus Logic CS4340-KS Datasheet HTML 7Page - Cirrus Logic CS4340-KS Datasheet HTML 8Page - Cirrus Logic CS4340-KS Datasheet HTML 9Page - Cirrus Logic CS4340-KS Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CS4340
6
DS297F3
ANALOG CHARACTERISTICS (CS4340-KS/KSZ/CZZ) (Continued)
Notes: 2. One-half LSB of triangular PDF dither is added to data.
3. Refer to Figure 2.
.
Parameters
Symbol
Min
Typ
Max
Units
Dynamic Performance for All Modes
Interchannel Isolation (1 kHz)
-
102
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
±100
-
ppm/°C
Analog Output Characteristics and Specifications
Full Scale Output Voltage
0.6•VA
0.7•VA
0.8•VA
Vpp
Output Impedance
-
100
-
Minimum AC-Load Resistance
(Note 3)
RL
-3-
k
Maximum Load Capacitance
(Note 3)
CL
-
100
-
pF
AOUTx
AGND
3.3 µF
V
out
R
L
C
L
+
Figure 1. Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
)
L
125
3
20
Figure 2. Maximum Loading


Similar Part No. - CS4340-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340-KS CIRRUS-CS4340-KS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
More results

Similar Description - CS4340-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com