Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM701 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # LM701
Description  Infrared LAMP LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM701 Datasheet(HTML) 2 Page - Seoul Semiconductor

  LM701 Datasheet HTML 1Page - Seoul Semiconductor LM701 Datasheet HTML 2Page - Seoul Semiconductor LM701 Datasheet HTML 3Page - Seoul Semiconductor LM701 Datasheet HTML 4Page - Seoul Semiconductor LM701 Datasheet HTML 5Page - Seoul Semiconductor LM701 Datasheet HTML 6Page - Seoul Semiconductor LM701 Datasheet HTML 7Page - Seoul Semiconductor LM701 Datasheet HTML 8Page - Seoul Semiconductor LM701 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Color
Diffusion
Source
Lens
Part Number
Dice Source
Color
Infrared
GaAlAs/GaAs
Non-Diffused
Blue -Risen
LI520C
1. Devices
2. Outline Dimensions
Notes : 1. All dimensions are in millimeters.
2. Protruded epoxy is 1.0mm maximum.
1
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
2.5±0.2
28.0MIN
8.72±0.2
1.0±0.2
MAX1.0
1.8±0.2
1.0
5.00±0.2
5.90±0.2


Similar Part No. - LM701

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM701 SEOUL-LM701 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM701 SEOUL-LM701 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM701 SEOUL-LM701 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM701 SEOUL-LM701 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM701 SEOUL-LM701 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM701

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
   Infrared LAMP LED
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
   Infrared LED Lamp
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
   Infrared LED Lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
   Infrared LED Lamp
logo
List of Unclassifed Man...
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
   Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
   infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
   Infrared LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com