Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1320 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UDA1320
Description  Low-cost stereo filter DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1320 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UDA1320 Datasheet HTML 2Page - NXP Semiconductors UDA1320 Datasheet HTML 3Page - NXP Semiconductors UDA1320 Datasheet HTML 4Page - NXP Semiconductors UDA1320 Datasheet HTML 5Page - NXP Semiconductors UDA1320 Datasheet HTML 6Page - NXP Semiconductors UDA1320 Datasheet HTML 7Page - NXP Semiconductors UDA1320 Datasheet HTML 8Page - NXP Semiconductors UDA1320 Datasheet HTML 9Page - NXP Semiconductors UDA1320 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2000 Jan 10
6
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1320ATS
8.3
Multiple format input interface
L3 mode:
• I2S-bus with data word length of up to 20 bits
• MSB-justified format with data word length up to 20 bits
• LSB-justified format with data word length of 16,
18 or 20 bits.
8.4
Static pin mode
The UDA1320ATS/N2 supports the following data input
name formats in the static pin mode (via SF0 and SF1):
• I2S bus with data word length of up to 20 bits
• LSB-justified format with data word length of 16,
18 or 20 bits.
See Table 2, for the static pin codes of the 4 formats,
selectable via SF0 and SF1.
The UDA1320ATS/N2 also accepts double speed data for
double speed data monitoring purposes.
Table 2
Input format selection using SF0 and SF1
The formats are illustrated in Fig.3. Left and right
data-channel words are time multiplexed. The WS signal
must have 50% duty-factor for all LSB-justified modes.
For BCK and WS holds that the BCK frequency must be
equal or smaller then 64 times WS, or fBCK =< 64*fWS in
both L3 and static mode.
8.5
Pin compatibility
In L3 interface mode the UDA1320ATS/N2 can be used on
boards that are designed for the UDA1322. The software
for UDA1322 can be used for the UDA1320ATS/N2 to
control de-emphasis, volume control and mute and also
the status settings like system clock setting and input data
format.
IMPORTANT: UDA1320ATS/N2 differs from the
UDA1320TZ/N1 with respect to:
• in the static mode 384fs is supported instead of 512fs.
• the output voltage of the DAC. In the UDA1320TZ/N1
this is 800mVrms at 3.0V, now it is 1Vrms at 3.3V power
supply
8.6
Interpolation filter (DAC)
The digital filter interpolates from 1 to 128fs by cascading
a recursive filter and a FIR filter, see Table 3.
Table 3
Interpolation filter characteristics
8.7
Noise shaper
The 3rd-order noise shaper operates at 128fs. It shifts
in-band quantization noise to frequencies well above the
audio band. This noise shaping technique enables high
signal-to-noise ratios to be achieved. The noise shaper
output is converted into an analog signal using a
Filter-Stream DAC (FSDAC).
8.8
Filter-Stream DAC
The FSDAC is a semi-digital reconstruction filter that
converts the 1-bit data stream of the noise shaper to be
analog output voltage. The filter coefficients are
implemented as current sources and are summed at
virtual ground of the output operational amplifier. In this
way very high signal-to-noise performance and low clock
jitter sensitivity is achieved. A post-filter is not needed due
to the inherent filter function of the DAC. On-board
amplifiers convert the FSDAC output current to an output
voltage signal capable of driving a line output.
The output voltage of the FSDAC scales linearly with the
power supply voltage.
FORMAT
SF0
SF1
I2S0
0
LSB-justified 16 bits
0
1
LSB-justified 18 bits
1
0
LSB-justified 20 bits
1
1
ITEM
CONDITION
VALUE (dB)
Pass-band ripple
0 to 0.45fs
±0.1
Stop band
>0.55fs
−50
Dynamic range
0 to 0.45fs
108


Similar Part No. - UDA1320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1321 PHILIPS-UDA1321 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321H PHILIPS-UDA1321H Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321H/N101 PHILIPS-UDA1321H/N101 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321PS PHILIPS-UDA1321PS Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321PS/N101 PHILIPS-UDA1321PS/N101 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
More results

Similar Description - UDA1320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
   16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com