Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1320 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UDA1320
Description  Low-cost stereo filter DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1320 Datasheet(HTML) 5 Page - NXP Semiconductors

  UDA1320 Datasheet HTML 1Page - NXP Semiconductors UDA1320 Datasheet HTML 2Page - NXP Semiconductors UDA1320 Datasheet HTML 3Page - NXP Semiconductors UDA1320 Datasheet HTML 4Page - NXP Semiconductors UDA1320 Datasheet HTML 5Page - NXP Semiconductors UDA1320 Datasheet HTML 6Page - NXP Semiconductors UDA1320 Datasheet HTML 7Page - NXP Semiconductors UDA1320 Datasheet HTML 8Page - NXP Semiconductors UDA1320 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2000 Jan 10
5
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1320ATS
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
System clock
The UDA1320ATS/N2 operates in slave mode only. This
means in all applications the system devices must provide
the system clock. The system frequency is selectable and
depends on the mode of operation.
The options are 256fs, 384fs and 512fs for the L3 mode
and 256fs plus 384fs for the static mode. The system clock
must be locked in frequency to the digital interface input
signals.
The UDA1320ATS/N2 supports sampling frequencies
from 16kHz up to 48kHz
8.2
Application modes
The application mode can be set with the tri-value
APPSEL pin, to L3 mode (APPSEL = VSSD) or to either of
two static modes (APPSEL = 0.5VDDD or
APPSEL = VDDD). See Table 1 for APPL0 to APPL3 pin
functions (active = HIGH).
Table 1
Selection modes via APPSEL (note 1)
For example, in static pin control mode, the output signal
can be soft muted by setting APPL0 HIGH. De-emphasis
can be switched on for 44.1 kHz by setting APPL1 HIGH.
APPL1 LOW will disable de-emphasis.
Note that when L3 interface is used, an L3 initialisation
must be done when the IC is powered up!
In L3 mode pin APPL0 must be set to LOW.
SYMBOL
PIN
DESCRIPTION
BCK
1
bit clock
WS
2
word select
DATAI
3
data input
VDDD
4
digital power supply
VSSD
5
digital ground
SYSCLK
6
system clock: 256fs, 384fs, 512fs
APPSEL
7
application mode select
APPL3
8
application pin 3
APPL2
9
application pin 2
APPL1
10
application pin 1
APPL0
11
application pin 0
VREF(DAC)
12
DAC reference voltage
VDDA
13
analog supply voltage
VO(L)
14
left output voltage
VSSA
15
analog ground
VO(R)
16
right output voltage
Fig.2 Pin configuration.
handbook, halfpage
UDA1320A
MGM817
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VO(R)
BCK
VSSA
WS
VO(L)
DATAI
VDDA
VDDD
VREF(DAC)
VSSD
APPL0
SYSCLK
APPL1
APPSEL
APPL2
APPL3
PIN
APPSEL
VSSD
0.5VDDD
(384fs)
VDDD
(256fs)
APPL0
TEST
MUTE
MUTE
APPL1
L3CLOCK
DEEM
DEEM
APPL2
L3MODE
SF0
SF0
APPL3
L3DATA
SF1
SF1


Similar Part No. - UDA1320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1321 PHILIPS-UDA1321 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321H PHILIPS-UDA1321H Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321H/N101 PHILIPS-UDA1321H/N101 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321PS PHILIPS-UDA1321PS Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321PS/N101 PHILIPS-UDA1321PS/N101 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
More results

Similar Description - UDA1320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
   16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com