Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDA1320A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UDA1320A
Description  Low-cost stereo filter DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1320A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UDA1320A Datasheet HTML 7Page - NXP Semiconductors UDA1320A Datasheet HTML 8Page - NXP Semiconductors UDA1320A Datasheet HTML 9Page - NXP Semiconductors UDA1320A Datasheet HTML 10Page - NXP Semiconductors UDA1320A Datasheet HTML 11Page - NXP Semiconductors UDA1320A Datasheet HTML 12Page - NXP Semiconductors UDA1320A Datasheet HTML 13Page - NXP Semiconductors UDA1320A Datasheet HTML 14Page - NXP Semiconductors UDA1320A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2000 Jan 10
11
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1320ATS
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. All supply connections must be made to the same power supply.
2. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω series resistor, except pin 14 which must be specified to
−2500V (MIN) and +2500V (MAX).
3. Equivalent to discharging a 200 pF capacitor via a 2.5
µH series inductor.
11 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
12 QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”. The number of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9397 750 00192.
13 THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDD
digital supply voltage
note 1
5.0
V
VDDA
analog supply voltage
note 1
5.0
V
Txtal(max)
maximum crystal temperature
150
°C
Tstg
storage temperature
−65
+125
°C
Tamb
ambient temperature
−40
+85
°C
Ves
electrostatic handling
note 2
−3000
+3000
V
note 3
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
190
K/W


Similar Part No. - UDA1320A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1321 PHILIPS-UDA1321 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321H PHILIPS-UDA1321H Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321H/N101 PHILIPS-UDA1321H/N101 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321PS PHILIPS-UDA1321PS Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
UDA1321PS/N101 PHILIPS-UDA1321PS/N101 Datasheet
280Kb / 44P
   Universal Serial Bus USB Digital-to-Analog Converter DAC
1998 Oct 06
More results

Similar Description - UDA1320A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
   16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com