Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCB1300 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UCB1300
Description  Advanced modem/audio analog front-end
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1300 Datasheet(HTML) 4 Page - NXP Semiconductors

  UCB1300 Datasheet HTML 1Page - NXP Semiconductors UCB1300 Datasheet HTML 2Page - NXP Semiconductors UCB1300 Datasheet HTML 3Page - NXP Semiconductors UCB1300 Datasheet HTML 4Page - NXP Semiconductors UCB1300 Datasheet HTML 5Page - NXP Semiconductors UCB1300 Datasheet HTML 6Page - NXP Semiconductors UCB1300 Datasheet HTML 7Page - NXP Semiconductors UCB1300 Datasheet HTML 8Page - NXP Semiconductors UCB1300 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
1999 Jul 20
4
Philips Semiconductors
Preliminary specification
Advanced modem/audio analog front-end
UCB1300
PINNING
SYMBOL
PIN
DESCRIPTION
RESET
STATE
TYPE(1)
IO7
1
general purpose I/O pins
input
I/OC
IO8
2
general purpose I/O pins
input
I/OC
IO9
3
general purpose I/O pins
input
I/OC
ADCSYNC
4
ADC synchronization pulse input
-
IC
VSSD
5
digital ground
-
S(2)
n.c
6
not connected
-
-
VSSA2
7
analog speaker driver ground
-
S
SPKRN
8
negative speaker output
hi Z
OA
SPKRP
9
positive speaker output
hi Z
OA
VDDA2
10
analog speaker driver supply
-
S
TOUTP
11
positive telecom codec output
hi Z
OA
TOUTN
12
negative telecom codec output
hi Z
OA
TEST
13
test mode protection
‘0’
IC
TINN
14
negative telecom codec input
hi Z
IA
TINP
15
positive telecom codec input
hi Z
IA
VREFBYP
16
external reference voltage input
hi Z
I/OA
VDDA1
17
analog supply
-
S
VSSA1
18
analog ground
-
S
n.c
19
not connected
-
-
MICGND
20
microphone ground switch input
hi Z
IA
MICP
21
microphone signal input
hi Z
IA
AD3
22
analog voltage inputs
hi Z
IA
AD2
23
analog voltage inputs
hi Z
IA
AD1
24
analog voltage inputs
hi Z
IA
AD0
25
analog voltage inputs
hi Z
IA
VSSA3
26
analog touch screen ground
-
S
TSPY
27
positive Y-plate touch screen
hi Z
I/OA
TSMX
28
negative X-plate touch screen
hi Z
I/OA
TSMY
29
negative Y-plate touch screen
hi Z
I/OA
TSPX
30
positive X-plate touch screen
hi Z
I/OA
n.c
31
not connected
-
-
VDDD
32
digital supply
-
S
IO0
33
general purpose I/O pins
input
I/OC
IO1
34
general purpose I/O pins
input
I/OC
IO2
35
general purpose I/O pins
input
I/OC
IO3
36
general purpose I/O pins
input
I/OC
VSSD
37
digital ground
-
S
RESET
38
asynchronous reset input
-
IC
SIBSYNC
39
SIB synchronization input
-
IC


Similar Part No. - UCB1300

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-150T-RC ALLIED-UCB10-150T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com