Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UC3842N
Description  Current-mode PWM controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UC3842N Datasheet(HTML) 8 Page - NXP Semiconductors

  UC3842N Datasheet HTML 1Page - NXP Semiconductors UC3842N Datasheet HTML 2Page - NXP Semiconductors UC3842N Datasheet HTML 3Page - NXP Semiconductors UC3842N Datasheet HTML 4Page - NXP Semiconductors UC3842N Datasheet HTML 5Page - NXP Semiconductors UC3842N Datasheet HTML 6Page - NXP Semiconductors UC3842N Datasheet HTML 7Page - NXP Semiconductors UC3842N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
UC3842
Current-mode PWM controller
August 31, 1994
1107
SYNCHRONIZATION AND MAXIMUM DUTY CYCLE CLAMP
NOTES:
f
+
1.44
(R
A )
2R
B
) C
D
MAX +
R
B
R
A )
2R
B
5V
4
8
7
2
6
1
3
GND
OUT
RESET
DISCH
TRIG
THRESH
NE555
7
UC3842
TO OTHER
UC3842s
4
5
GND
VCC
RA
RB
C
VCC
RT/CT


Similar Part No. - UC3842N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3842N STMICROELECTRONICS-UC3842N Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3842N FAIRCHILD-UC3842N Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3842N TI-UC3842N Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3842N TI-UC3842N Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3842N TI1-UC3842N Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842N

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com