Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P93U422-35CM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P93U422-35CM
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P93U422-35CM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P93U422-35CM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P93U422-35CM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P93U422
Page 2 of 10
Document # SRAM102 REV A
T
A = 125°C
T
A = 0°C
Symbol
V
OH
V
OL
V
IH
V
IL
I
IL
I
IH
I
SC
Parameter
Output High Voltage
Output Low Voltage
Input High Level
Input Low Level
Input Low Current
Input High Current
Output Short Circuit Current (3)
Test Conditions
V
CC = Min., VIN = VIH or VIL, IOH = –5.2 mA
V
CC = Min., VIN = VIH or VIL, IOL = 8.0 mA
V
IN = 0.40 V
V
CC = Max, VIN = 4.5V
V
CC = Max., VOUT = 0.0V
I
CEX
Output Leakage Current
V
CL
Input Clamp Voltage
I
IN = –10mA
V
OUT = 2.4V, VCC = Max.
T
A = 75°C
T
A = –55°C
P93U422
Min.
2.4
2.1
Max.
0.45
0.8
–300
40
–70
70
70
80
90
–1.5
Unit
V
V
V
V
µA
µA
mA
mA
V
Power Supply Current
–50
50
µA
All Inputs = GND
V
CC = Max.
I
CC
V
OUT = 0.5V, VCC = Max.
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature – 55 to +125
°C
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to MAXIMUM rating conditions for extended periods
may affect reliability
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT = 0V
7
pF
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
RECOMMENDEDOPERATINGCONDITIONS
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
I
OUT
DC Output Current
20
mA
2. Extended temperature operation guaranteed with 400 linear feet per minute
of air flow.
3. Fortestpurposes,notmorethanoneoutputatatimeshouldbeshorted.Short
circuit test duration should not exceed 30 seconds.
4. This parameter is sampled and not 100% tested.
Grade(2)
Commercial
Military
Ambient Temp
0°C to 70°C
–55°C to 125°C
Gnd
0V
Vcc
5.0V ±10%
5.0V ±10%
0V
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)


Similar Part No. - P93U422-35CM

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
P93 ZETEX-P93 Datasheet
415Kb / 6P
   SOT89 Silicon planar high voltage transistor
logo
Hamamatsu Corporation
P930 HAMAMATSU-P930 Datasheet
143Kb / 2P
   CdS photoconductive cell
logo
List of Unclassifed Man...
P931 ETC2-P931 Datasheet
85Kb / 1P
   SMP FEMALE OPEN
logo
Tripp Lite. All Rights ...
P936-000 TRIPPLITE-P936-000 Datasheet
160Kb / 2P
   40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
P936000 TRIPPLITE-P936000 Datasheet
494Kb / 2P
   40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
More results

Similar Description - P93U422-35CM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com