Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH125-331 Datasheet(PDF) 7 Page - ECM Electronics Limited.

Part # CDRH125-331
Description  Surface Mount Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CDRH125-331 Datasheet(HTML) 7 Page - ECM Electronics Limited.

  CDRH125-331 Datasheet HTML 1Page - ECM Electronics Limited. CDRH125-331 Datasheet HTML 2Page - ECM Electronics Limited. CDRH125-331 Datasheet HTML 3Page - ECM Electronics Limited. CDRH125-331 Datasheet HTML 4Page - ECM Electronics Limited. CDRH125-331 Datasheet HTML 5Page - ECM Electronics Limited. CDRH125-331 Datasheet HTML 6Page - ECM Electronics Limited. CDRH125-331 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 4
ECM
Part
L
(
µH)
Tol
%
RDC
MAX
(
Ω)
IDC
IN
(A)
CDRH127 Series continued…
CDRH127-821
820 @ 1.0 kHz
L,M
1.64
0.60
CDRH127-102
102 @ 1.0 kHz
L,M
1.82
0.55
CDR63B Series
CDR63B-100
10 @ 2.52 MHz
M
0.14
1.00
CDR63B-120
12 @ 2.52 MHz
M
0.16
0.94
CDR63B-150
15 @ 2.52 MHz
M
0.18
0.86
CDR63B-220
22 @ 2.52 MHz
M
0.25
0.76
CDR63B-270
27 @ 2.52 MHz
M
0.32
0.64
CDR63B-330
33 @ 2.52 MHz
L,M
0.36
0.61
CDR63B-390
39 @ 2.52 MHz
L,M
0.41
0.53
CDR63B-470
47 @ 2.52 MHz
L,M
0.51
0.50
CDR63B-560
56 @ 2.52 MHz
L,M
0.72
0.46
CDR63B-680
68 @ 2.52 MHz
L,M
0.82
0.42
CDR74B Series
CDR74B-100
10 @ 2.52 MHz
M
0.07
1.65
CDR74B-120
12 @ 2.52 MHz
M
0.07
1.57
CDR74B-150
15 @ 2.52 MHz
M
0.08
1.39
CDR74B-180
18 @ 2.52 MHz
M
0.10
1.29
CDR74B-220
22 @ 2.52 MHz
M
0.13
1.12
CDR74B-270
27 @ 2.52 MHz
M
0.16
1.06
CDR74B-330
33 @ 2.52 MHz
M
0.18
0.97
CDR74B-390
39 @ 2.52 MHz
M
0.18
0.91
CDR74B-470
47 @ 2.52 MHz
M
0.27
0.80
CDR74B-560
56 @ 2.52 MHz
L,M
0.29
0.76
CDR74B-680
68 @ 2.52 MHz
L,M
0.33
0.68
CDR74B-820
82 @ 2.52 MHz
L,M
0.43
0.62
CDR74B-101
100 @ 1.0 kHz
L,M
0.49
0.55
CDR74B-121
120 @ 1.0 kHz
L,M
0.68
0.49
CDR74B-151
150 @ 1.0 kHz
L,M
0.94
0.44
CDR74B-181
180 @ 1.0 kHz
L,M
1.00
0.40
CDR74B-221
220 @ 1.0 kHz
L,M
1.18
0.36
CDR74B-271
270 @ 1.0 kHz
L,M
1.30
0.33
CDR105B Series
CDR105B-100
10 @ 2.52 MHz
M
0.06
2.06
CDR105B-120
12 @ 2.52 MHz
M
0.07
1.94
CDR105B-150
15 @ 2.52 MHz
M
0.07
1.72
CDR105B-180
18 @ 2.52 MHz
M
0.08
1.58
CDR105B-220
22 @ 2.52 MHz
M
0.08
1.42
CDR105B-270
27 @ 2.52 MHz
M
0.10
1.32
CDR105B-330
33 @ 2.52 MHz
M
0.11
1.16
CDR105B-390
39 @ 2.52 MHz
M
0.12
1.10
CDR105B-470
47 @ 2.52 MHz
M
0.14
1.00
CDR105B-560
56 @ 2.52 MHz
L,M
0.19
0.93
CDR105B-680
68 @ 2.52 MHz
L,M
0.21
0.85
CDR105B-820
82 @ 2.52 MHz
L,M
0.28
0.79
CDR105B-101
100 @ 1.0 kHz
L,M
0.34
0.72
CDR105B-121
120 @ 1.0 kHz
L,M
0.37
0.63
CDR105B-151
150 @ 1.0 kHz
L,M
0.51
0.55
CDR105B-181
180 @ 1.0 kHz
L,M
0.57
0.50
CDR105B-221
220 @ 1.0 kHz
L,M
0.78
0.47
CDR105B-271
270 @ 1.0 kHz
L,M
0.87
0.41
CDR105B-331
330 @ 1.0 kHz
L,M
1.20
0.37
CDR105B-391
390 @ 1.0 kHz
L,M
1.34
0.35
CDR105B-471
470 @ 1.0 kHz
L,M
1.50
0.33
Tolerance. L=10% M=20% N=30%.


Similar Part No. - CDRH125-331

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH125-331 AITCOMPONENTS-CDRH125-331 Datasheet
33Kb / 1P
   CDRH125 SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH125-331MC SUMIDA-CDRH125-331MC Datasheet
94Kb / 4P
   REF. TO THE ATTACHED SHEET.
More results

Similar Description - CDRH125-331

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com