Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV509 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV509
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV509 Datasheet(HTML) 8 Page - Supertex, Inc

  HV509 Datasheet HTML 1Page - Supertex, Inc HV509 Datasheet HTML 2Page - Supertex, Inc HV509 Datasheet HTML 3Page - Supertex, Inc HV509 Datasheet HTML 4Page - Supertex, Inc HV509 Datasheet HTML 5Page - Supertex, Inc HV509 Datasheet HTML 6Page - Supertex, Inc HV509 Datasheet HTML 7Page - Supertex, Inc HV509 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HV509
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.
supertex.com/packaging.html.)
Doc.# DSFP-HV509
NR042007
32-Lead QFN Package Outline (K6)
5x5mm body, 1.0mm height (max), 0.50mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.18
4.85
3.20
4.85
3.20
0.50
BSC
0.30
0.00
0O
NOM
0.90
0.02
0.25
5.00
-
5.00
-
0.40
-
-
MAX
1.00
0.05
0.30
5.15
3.70
5.15
3.70
0.50
0.15
14O
JEDEC Registration MO-220, Variation VHHD-5, Issue K, June 2006.
Drawings not to scale.
Notes:
Details of Pin 1 identifier are optional, but must be located within the indicated area. The Pin 1 identifier may be either a mold, or an embedded metal
or marked feature.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
The inner tip of the lead may be either rounded or square.
1.
2.
3.
Seating
Plane
Top View
Side View
Bottom View
A
A1
D
E
D2
e
b
E2
A3
L
L1
View B
View B
1
Note 3
Note 2
Note 1
(Index Area
D/2 x E/2)
Note 1
(Index Area
D/2 x E/2)
32
1
32
θ


Similar Part No. - HV509

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV509 SUTEX-HV509 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509K6-G SUTEX-HV509K6-G Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results

Similar Description - HV509

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528_08 Datasheet
546Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com