Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC5022T-101 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # UC5022T-101
Description  Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

UC5022T-101 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  UC5022T-101 Datasheet HTML 1Page - ECM Electronics Limited. UC5022T-101 Datasheet HTML 2Page - ECM Electronics Limited. UC5022T-101 Datasheet HTML 3Page - ECM Electronics Limited. UC5022T-101 Datasheet HTML 4Page - ECM Electronics Limited. UC5022T-101 Datasheet HTML 5Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 3
This particular range of surface mount inductors, the
UC series now comes in seven package sizes each
with their own individual benefits. The range features
some of the smallest footprint sizes available for
product of its type, in addition the new UC1606
package is only 1.80mm high while offering safe current
operation up to 2.5A (@ 1.0uH). While the UC5022 is
available up to 1.0mH @ 1 Amp while maintaining a
total height less than 8.0mm.
Ferrite shielded versions of UC1608, UC3316, and
UC5022 are also available.
ECM UC Series
COMPONENT OUTLINE
Fig.1
Fig.2
DIMENSIONS
ECM Type
Inductance Range
(Fig.)
A
(mm)
B
C
D
E
UC1606
1.0uH~1.0mH
1
6.40
5.50
1.80
0.80
4.80
UC1608
1.0uH~1.0mH
1
6.60
4.45
1.27
1.02
4.32
UC1818
1.0uH~3.3mH
2
7.20
4.70
5.00
1.60
4.80
UC3308
10uH~1.0mH
1
12.95
9.40
3.00
2.54
7.62
UC3316
1.0uH~1.0mH
1
12.95
9.40
5.20
2.54
7.62
UC3340
10uH~1.0mH
1
12.95
9.40
11.43
2.54
7.62
UC5022
1.0uH~1.0mH
1
18.54
15.24
7.11
2.54
7.62


Similar Part No. - UC5022T-101

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
UC5022T-101 ECM-UC5022T-101 Datasheet
71Kb / 3P
   Surface Mount Power Inductors
More results

Similar Description - UC5022T-101

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com