Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA1706 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UBA1706
Description  Cordless telephone line interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1706 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UBA1706 Datasheet HTML 6Page - NXP Semiconductors UBA1706 Datasheet HTML 7Page - NXP Semiconductors UBA1706 Datasheet HTML 8Page - NXP Semiconductors UBA1706 Datasheet HTML 9Page - NXP Semiconductors UBA1706 Datasheet HTML 10Page - NXP Semiconductors UBA1706 Datasheet HTML 11Page - NXP Semiconductors UBA1706 Datasheet HTML 12Page - NXP Semiconductors UBA1706 Datasheet HTML 13Page - NXP Semiconductors UBA1706 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1999 Jun 04
10
Philips Semiconductors
Objective specification
Cordless telephone line interface
UBA1706
The UBA1706 offers the possibility to choose two kinds of
regulations for the DC characteristic between line
terminals LN+ and LN
− (see Fig.7):
• Voltage regulation mode
• Current regulation mode.
The regulation mode is selected by bit CRC via the serial
interface.
The DC mask regulation is realised by adjusting the DC
voltage VCE (TNSW) across pin GND and line terminal LN−
as a function of the line current.
Voltage regulation mode
In the voltage regulation mode (bit CRC at logic 0), the
VCE (TNSW) voltage is fixed by means of a 200 nA DC
constant current ILVIV flowing through RLVI.
Fig.7
General form of the DC mask as a function
of the regulation mode.
(1) Low voltage area.
(2) Small slope (determined by RSLPE).
(3) Small slope (dashed line; determined by RSLPE) in voltage
regulation mode.
High slope (full line; determined by RSLPE, RLVI and RRGL) in
current regulation mode.
(4) Current limitation.
handbook, halfpage
MGK710
Vline
Iline
Iprot
(4)
Iknee
Ilow
(1)
(2)
(3)
Therefore, VCE (TNSW) ≅ RLVI × ILVIV = 200 mV in a typical
application (see Fig.15).
The slope
∆Vline/∆Iline of the Vline, Iline characteristic is
RREGV ≅ RSLPE.
Current regulation mode
In current regulation mode (bit CRC at logic 1), when the
line current is lower than Iknee = 35 mA (with
ZSET = 619 Ω), VCE (TNSW) is fixed by means of a 200 nA
DC constant current ILVIV flowing through RLVI. When the
line current is higher than 35 mA, an additional current
(proportional to the line current) flows through RLVI. As a
result, TNSW works as a DC voltage source increasing with
the line current. VCE (TNSW) can be calculated as follows:
Where:
Iline = line current
RRGL = resistor connected at pin RGL.
In a typical application (see Fig.15), the slope
∆Vline/∆Iline
of the Vline, Iline characteristic is determined by the ratio of
the resistors connected at pins SLPE, LVI and RGL, as
follows:
.
Current limitation
Whatever the selected mode is, the line current is limited
to approximately 145 mA; this current is sensed on SLPE.
For this purpose, the external Zener diode must be
connected between pins LN and SLPE. The speech
function no longer operates in this condition.
ELECTRONIC HOOK SWITCH CONTROL (PIN EHI)
The electronic hook switch input (EHI) controls the state of
transistor TPDARL. When the voltage applied at pin EHI is
LOW, transistor TPDARL is turned off. The voltage at
pin LCC is pulled up to supply voltage (VCC). Transistors
TNSW and TNON-HOOK are also turned off by means of a
pull-down resistor (RPD). When the voltage applied at
pin EHI is HIGH, transistor TPDARL is driven by the
operational amplifier at pin LCC and the regulation mode
selected is operating. An internal 165 k
Ω pull-up resistor is
connected between pins LCC and VCC.
V
CE TNSW
() R
LVI
R
SLPE
R
RGL
----------------
I
line
I
knee
() I
LVIV
+
×



×
R
REGC
R
SLPE
R
LVI
R
SLPE
R
RGL
----------------
1400
=
×
+


Similar Part No. - UBA1706

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1702 PHILIPS-UBA1702 Datasheet
178Kb / 24P
   Line interrupter driver and ringer
1997 Sep 29
UBA1702A PHILIPS-UBA1702A Datasheet
178Kb / 24P
   Line interrupter driver and ringer
1997 Sep 29
UBA1702AT PHILIPS-UBA1702AT Datasheet
178Kb / 24P
   Line interrupter driver and ringer
1997 Sep 29
UBA1702T PHILIPS-UBA1702T Datasheet
178Kb / 24P
   Line interrupter driver and ringer
1997 Sep 29
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
More results

Similar Description - UBA1706

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
logo
ams AG
AS2504 AMSCO-AS2504 Datasheet
202Kb / 12P
   Cordless telephone, answering machine line interface
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com