Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM671 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LM671
Description  CYAN LAMP LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM671 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LM671 Datasheet HTML 3Page - Seoul Semiconductor LM671 Datasheet HTML 4Page - Seoul Semiconductor LM671 Datasheet HTML 5Page - Seoul Semiconductor LM671 Datasheet HTML 6Page - Seoul Semiconductor LM671 Datasheet HTML 7Page - Seoul Semiconductor LM671 Datasheet HTML 8Page - Seoul Semiconductor LM671 Datasheet HTML 9Page - Seoul Semiconductor LM671 Datasheet HTML 10Page - Seoul Semiconductor LM671 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-7-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<050201> Rev. 0.0
LC531
Preliminary
-40
-20
0
20
406080
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Ambient Temperature T
a[
oC]
IV /IV(25C)= f (TA ), IF= 20mA
Irel = f ( λd ), TA= 25ºC, IF= 20mA
Wavelength vs. Relative Intensity
Ambient Temperature vs. Relative Intensity
400
450
500
550
600
0.0
0.5
1.0
Wavelength [nm]


Similar Part No. - LM671

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM671 SEOUL-LM671 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM671 SEOUL-LM671 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM671 SEOUL-LM671 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM671 SEOUL-LM671 Datasheet
378Kb / 14P
   RED LAMP LED
LM671 SEOUL-LM671 Datasheet
285Kb / 13P
   Infrared LAMP LED
More results

Similar Description - LM671

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC532Z SEOUL-LC532Z Datasheet
344Kb / 10P
   CYAN LAMP LED
logo
Lite-On Technology Corp...
LOPL-E011C LITEON-LOPL-E011C Datasheet
188Kb / 12P
   1W Cyan Power LED
logo
OptoSupply Internationa...
OSC34L3131A OPTOSUPPLY-OSC34L3131A Datasheet
89Kb / 1P
   3mm Round Cyan LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
   Xeon 3 Power Cyan LED
OSC34L5111A OPTOSUPPLY-OSC34L5111A Datasheet
89Kb / 1P
   5mm Round Cyan LED
OSC34LS1C1A OPTOSUPPLY-OSC34LS1C1A Datasheet
91Kb / 1P
   3.5x2.8x1.9mm Cyan SMD LED
OSG3XAC1C1E OPTOSUPPLY-OSG3XAC1C1E Datasheet
118Kb / 1P
   9.2x8x1.92mm Commercial 1 Power Cyan LED
OSG3XAT1C1E OPTOSUPPLY-OSG3XAT1C1E Datasheet
106Kb / 1P
   5x5x1.3mm Tops 1 Power Cyan LED
OSG3XAT3C1E OPTOSUPPLY-OSG3XAT3C1E Datasheet
107Kb / 1P
   5x5x1.3mm Tops 3 Power Cyan LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com