Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG412DJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG412DJ
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412DJ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG412DJ Datasheet HTML 1Page - Vishay Siliconix DG412DJ Datasheet HTML 2Page - Vishay Siliconix DG412DJ Datasheet HTML 3Page - Vishay Siliconix DG412DJ Datasheet HTML 4Page - Vishay Siliconix DG412DJ Datasheet HTML 5Page - Vishay Siliconix DG412DJ Datasheet HTML 6Page - Vishay Siliconix DG412DJ Datasheet HTML 7Page - Vishay Siliconix DG412DJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DG411/412/413
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70050
S-52433—Rev. D, 06-Sep-99
SPECIFICATIONSa FOR UNIPOLAR SUPPLIES
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
12
12
V
Drain-Source
On-Resistance
rDS(on)
V+ = 10.8 V, IS = –10 mA
VD = 3 V, 8 V
Room
Full
40
80
100
80
100
W
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
V
8 V S
Fi
2
Room
Hot
175
250
400
250
315
Turn-Off Time
tOFF
L
,
L
p
VS = 8 V, See Figure 2
Room
Hot
95
125
140
125
140
ns
Break-Before-Make
Time Delay
tD
DG413 Only, VS = 8 V,
RL = 300 W, CL = 35 pF
Room
25
Charge Injection
Q
Vg = 6 V, Rg = 0 W, CL = 10 nF
Room
25
pC
Power Supplies
Positive Supply Current
I+
V13 5 V
0
5 V
Room
Hot
0.0001
1
5
1
5
A
Negative Supply Current
I–
V+ = 13.5, VIN = 0 or 5 V
Room
Hot
–0.0001
–1
–5
–1
–5
mA
Logic Supply Current
IL
V+ = 13.5, VIN = 0 or 5 V
Room
Hot
0.0001
1
5
1
5
mA
Ground Current
IGND
Room
Hot
–0.0001
–1
–5
–1
–5
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. VD and Power Supply Voltage
VD – Drain Voltage (V)
–20
–15
–10
–5
0
5
10
15
20
45
40
35
30
25
20
15
10
5
0
TA = 25_C
50
"5 V
"8 V
"10 V
"12 V
"15 V
"20 V
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
VL = 5 V
On-Resistance vs. VD and Unipolar Supply Voltage
V+ = 3 V
VL = 3 V
8 V
V+ = 5 V
12 V
15 V
20 V
VD – Drain Voltage (V)


Similar Part No. - DG412DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG412DJ MAXIM-DG412DJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
logo
Intersil Corporation
DG412DJ INTERSIL-DG412DJ Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG412DJ INTERSIL-DG412DJ Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG412DJ VISHAY-DG412DJ Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
logo
Maxim Integrated Produc...
DG412DJ MAXIM-DG412DJ Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG412DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com