Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2013D1RGPT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA2013D1RGPT
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2013D1RGPT Datasheet(HTML) 4 Page - Texas Instruments

  TPA2013D1RGPT Datasheet HTML 1Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 2Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 3Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 4Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 5Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 6Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 7Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 8Page - Texas Instruments TPA2013D1RGPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
AVAILABLE OPTIONS
RECOMMENDED OPERATING CONDITIONS
TPA2013D1
SLOS520 – AUGUST 2007
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
Supply voltage
–0.3 to 6
V
VI
Input voltage, Vi: SDb, SDd, IN+, IN–, VCCFB
–0.3 to VDD + 0.3
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
16 ball WCSP
1.5 W
12.4 mW/
°C
1 W
0.8 W
20 pin QFN
2.5 W
20.1 mW/
°C
1.6 W
1.3 W
(1)
Derating factor measured with JEDEC High K board.
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
16-ball, 2.275 mm
× 2.275 mm WCSP
TPA2013D1YZH
BTH
(± 0.05mm tolerance)
–40
°C TO 85°C
20-pin, 4 mm
× 4 mm QFN
TPA2013D1RGP(2)
BTI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The RGP package is only available taped and reeled. To order, add suffix R to the end of the part number for a reel of 3000 (e.g.,
TPA2013D1RGPR).
MIN
MAX
UNIT
VDD
Supply voltage
1.8
5.5
V
VIH
High-level input voltage
SDb, SDd
1.3
V
VIL
Low-level input voltage
SDb, SDd
0.35
V
| IIH |
High-level input current
SDb = SDd = 5.8 V, VDD = 5.5 V, VCC = 5.5 V
1
μA
| IIL|
Low-level input current
SDb = SDd = -0.3 V, VDD = 5.5 V, VCC = 5.5 V
20
μA
TA
Operating free-air temperature
–40
85
°C
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1


Similar Part No. - TPA2013D1RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1RGP TI-TPA2013D1RGP Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1RGPR TI-TPA2013D1RGPR Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1RGPR TI1-TPA2013D1RGPR Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Similar Description - TPA2013D1RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com