Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA3220TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UAA3220TS
Description  Frequency Shift Keying FSK/Amplitude Shift Keying ASK receiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3220TS Datasheet(HTML) 2 Page - NXP Semiconductors

  UAA3220TS Datasheet HTML 1Page - NXP Semiconductors UAA3220TS Datasheet HTML 2Page - NXP Semiconductors UAA3220TS Datasheet HTML 3Page - NXP Semiconductors UAA3220TS Datasheet HTML 4Page - NXP Semiconductors UAA3220TS Datasheet HTML 5Page - NXP Semiconductors UAA3220TS Datasheet HTML 6Page - NXP Semiconductors UAA3220TS Datasheet HTML 7Page - NXP Semiconductors UAA3220TS Datasheet HTML 8Page - NXP Semiconductors UAA3220TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1999 Jan 22
2
Philips Semiconductors
Product specification
Frequency Shift Keying (FSK)/Amplitude
Shift Keying (ASK) receiver
UAA3220TS
FEATURES
• Low cost single-chip ASK or FSK receiver
• Superheterodyne architecture with high integration level
• Few external low cost components and crystal required
• Wide supply voltage range
• Low power consumption
• Wide frequency range, 250 to 920 MHz
• High sensitivity
• IF bandwidth determined by application
• High selectivity
• Automotive temperature range
• SSOP24 package.
Applications
• Keyless entry systems
• Car alarm systems
• Remote control systems
• Security systems
• Telemetry systems
• Wireless data transmission
• Domestic appliance.
GENERAL DESCRIPTION
The UAA3220TS is a fully integrated single-chip receiver,
primarily intended for use in VHF and UHF systems.
It supports both Amplitude Shift Keying (ASK) and
Frequency Shift Keying (FSK) demodulation.
By connecting DEMO1 (pin 10) to ground during
realisation of the receiver module the UAA3220TS works
as an ASK receiver (see Fig.10). By connecting pin 10 as
shown in Fig.9 the UAA3220TS works as an FSK receiver.
The UAA3220TS incorporates a crystal stabilized local
oscillator, frequency multiplier, balanced mixer, post mixer
amplifier, limiter, Received Signal Strength Indicator
(RSSI), FSK demodulator, data filter, data slicer and
power down circuit.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
2.7
5.5
V
ICC
supply current
fi(RF) = 433.92 MHz; FSK mode
operating mode on;
VPWD =0V
2.8
4.3
5.8
mA
operating mode off;
VPWD =VCC
330
µA
ASK mode
Pi(max)(ASK)
maximum input power
BER
≤ 3%
−22
−16
−10
dBm
Φ
i(ASK)
sensitivity into pin MIXIN
fi(RF) = 433.92 MHz; BER ≤ 3%
−−119
−113
dBm
FSK mode
Pi(max)(FSK)
maximum input power
BER
≤ 3%
−6
0
+1
dBm
Φi(FSK)
sensitivity into pin MIXIN
fi(RF) = 433.92 MHz; BER ≤ 3%
−−103
−100
dBm


Similar Part No. - UAA3220TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3201 PHILIPS-UAA3201 Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
UAA3201T PHILIPS-UAA3201T Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
UAA3202 PHILIPS-UAA3202 Datasheet
125Kb / 24P
   Frequency Shift Keying FSK receiver
1997 Aug 12
UAA3202M PHILIPS-UAA3202M Datasheet
125Kb / 24P
   Frequency Shift Keying FSK receiver
1997 Aug 12
More results

Similar Description - UAA3220TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3202M PHILIPS-UAA3202M Datasheet
125Kb / 24P
   Frequency Shift Keying FSK receiver
1997 Aug 12
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101_13 Datasheet
389Kb / 20P
   FSK/ASK Receiver
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
logo
List of Unclassifed Man...
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
ATMEL Corporation
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com