Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2013D1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2013D1
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2013D1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2013D1 Datasheet HTML 4Page - Texas Instruments TPA2013D1 Datasheet HTML 5Page - Texas Instruments TPA2013D1 Datasheet HTML 6Page - Texas Instruments TPA2013D1 Datasheet HTML 7Page - Texas Instruments TPA2013D1 Datasheet HTML 8Page - Texas Instruments TPA2013D1 Datasheet HTML 9Page - Texas Instruments TPA2013D1 Datasheet HTML 10Page - Texas Instruments TPA2013D1 Datasheet HTML 11Page - Texas Instruments TPA2013D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
PO − Output Power − W
0
20
40
60
80
100
0.0
0.5
1.0
1.5
G001
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 4.2 V
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
PO − Output Power − W
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
G002
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 4.2 V
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
G003
VDD = 3.6 V
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 2.5 V
VDD = 4.2 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
G004
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
G005
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
G006
VDD = 1.8 V
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
TPA2013D1
SLOS520 – AUGUST 2007
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
POWER DISSIPATION
POWER DISSIPATION
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 3.
Figure 4.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA2013D1


Similar Part No. - TPA2013D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1RGP TI-TPA2013D1RGP Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1RGPR TI-TPA2013D1RGPR Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1RGPR TI1-TPA2013D1RGPR Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2013D1YZH TI-TPA2013D1YZH Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Similar Description - TPA2013D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com