Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG1005S68NJT Datasheet(PDF) 2 Page - TDK Electronics

Part # MLG1005S68NJT
Description  SMD Inductors(Coils) For High Frequency(Multilayer)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG1005S68NJT Datasheet(HTML) 2 Page - TDK Electronics

  MLG1005S68NJT Datasheet HTML 1Page - TDK Electronics MLG1005S68NJT Datasheet HTML 2Page - TDK Electronics MLG1005S68NJT Datasheet HTML 3Page - TDK Electronics MLG1005S68NJT Datasheet HTML 4Page - TDK Electronics MLG1005S68NJT Datasheet HTML 5Page - TDK Electronics MLG1005S68NJT Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(2/6)
006-01 / 20070703 / e521_mlg1005.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
: Please specify inductance tolerance, B (±0.1nH), C (±0.2nH), S (±0.3nH), H (±3%) or J (±5%).
• Test equipment
Inductance Q : HP4291A+16193A, or equivalent
SRF: HP8720C, or equivalent
Rdc: YOKOGAWA TYPE7561, or equivalent
• Rated current : Value obtained when current flows and temperature has risen to under 20°C.
Inductance
(nH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(GHz)
DC resistance
(
Ω)
Rated current
(mA)max.
Part No.
min.
typ.
max.
typ.
0.3
±0.1, ±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N3
T
0.4
±0.1, ±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N4
T
0.5
±0.1, ±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N5
T
0.6
±0.1, ±0.2nH
100
10.0
20up
0.10
0.01
1000
MLG1005S0N6
T
0.7
±0.1, ±0.2nH
100
10.0
18.7
0.10
0.02
1000
MLG1005S0N7
T
0.8
±0.1, ±0.2nH
100
10.0
16.4
0.10
0.02
1000
MLG1005S0N8
T
0.9
±0.1, ±0.2nH
100
10.0
17.7
0.10
0.04
1000
MLG1005S0N9
T
1.0
±0.1, ±0.2, 0.3nH
7
100
10.0
13.8
0.10
0.04
1000
MLG1005S1N0
T
1.1
±0.1, ±0.2, 0.3nH
7
100
10.0
19.3
0.10
0.03
1000
MLG1005S1N1
T
1.2
±0.1, ±0.2, 0.3nH
7
100
10.0
11.6
0.10
0.04
1000
MLG1005S1N2
T
1.3
±0.1, ±0.2, 0.3nH
7
100
8.00
11.7
0.10
0.04
1000
MLG1005S1N3
T
1.5
±0.1, ±0.2, 0.3nH
7
100
8.00
9.6
0.10
0.06
1000
MLG1005S1N5
T
1.6
±0.1, ±0.2, 0.3nH
7
100
7.50
9.4
0.12
0.05
1000
MLG1005S1N6
T
1.8
±0.1, ±0.2, 0.3nH
7
100
7.50
10.3
0.15
0.06
900
MLG1005S1N8
T
2.0
±0.1, ±0.2, 0.3nH
7
100
7.50
9.3
0.15
0.07
900
MLG1005S2N0
T
2.2
±0.1, ±0.2, 0.3nH
7
100
7.00
8.6
0.15
0.08
900
MLG1005S2N2
T
2.4
±0.1, ±0.2, 0.3nH
7
100
7.00
8.2
0.15
0.08
800
MLG1005S2N4
T
2.7
±0.1, ±0.2, 0.3nH
7
100
6.00
7.3
0.15
0.08
800
MLG1005S2N7
T
3.0
±0.1, ±0.2, 0.3nH
7
100
5.50
6.8
0.20
0.09
800
MLG1005S3N0
T
3.3
±0.1, ±0.2, 0.3nH
8
100
5.00
6.1
0.20
0.09
800
MLG1005S3N3
T
3.6
±0.1, ±0.2, 0.3nH
8
100
5.00
6.7
0.20
0.09
700
MLG1005S3N6
T
3.9
±0.1, ±0.2, 0.3nH
8
100
5.00
6.5
0.20
0.11
700
MLG1005S3N9
T
4.3
±0.2, ±0.3nH
8
100
4.50
6.0
0.20
0.11
700
MLG1005S4N3
T
4.7
±0.2, ±0.3nH
8
100
4.50
5.4
0.25
0.12
700
MLG1005S4N7
T
5.1
±0.2, ±0.3nH
8
100
4.00
5.0
0.25
0.13
600
MLG1005S5N1
T
5.6
±0.2, ±0.3nH
8
100
4.00
5.3
0.25
0.14
600
MLG1005S5N6
T
6.2
±3%, ±0.3nH
8
100
4.00
4.7
0.25
0.16
600
MLG1005S6N2
T
6.8
±3, ±5%
8
100
3.50
4.4
0.25
0.15
600
MLG1005S6N8
T
7.5
±3, ±5%
8
100
3.00
4.1
0.25
0.15
500
MLG1005S7N5
T
8.2
±3, ±5%
8
100
3.00
4.0
0.30
0.19
500
MLG1005S8N2
T
9.1
±3, ±5%
8
100
3.00
3.8
0.30
0.20
500
MLG1005S9N1
T
10
±3, ±5%
8
100
2.50
3.4
0.35
0.22
500
MLG1005S10N
T
12
±3, ±5%
8
100
2.50
3.0
0.40
0.25
400
MLG1005S12N
T
15
±3, ±5%
8
100
2.20
2.8
0.55
0.35
400
MLG1005S15N
T
18
±3, ±5%
8
100
2.00
2.5
0.60
0.40
350
MLG1005S18N
T
22
±3, ±5%
8
100
1.70
2.2
0.70
0.46
350
MLG1005S22N
T
27
±3, ±5%
8
100
1.60
2.0
0.80
0.53
300
MLG1005S27N
T
33
±3, ±5%
8
100
1.40
1.8
0.90
0.59
300
MLG1005S33N
T
39
±3, ±5%
8
100
1.20
1.6
1.00
0.65
250
MLG1005S39N
T
47
±3, ±5%
8
100
1.10
1.4
1.20
0.75
250
MLG1005S47N
T
56
±3, ±5%
8
100
1.00
1.3
1.30
0.83
200
MLG1005S56N
T
68
±3, ±5%
8
100
0.80
1.1
1.50
0.87
200
MLG1005S68N
T
82
±3, ±5%
8
100
0.70
1.0
1.60
1.01
200
MLG1005S82N
T
100
±3, ±5%
8
100
0.70
0.9
2.00
1.37
200
MLG1005SR10
T
120
±3, ±5%
8
100
0.60
0.8
2.20
1.48
150
MLG1005SR12
T
150
±3, ±5%
8
100
0.55
0.7
3.50
2.44
150
MLG1005SR15
T
180
±3, ±5%
8
100
0.50
0.6
3.80
2.88
150
MLG1005SR18
T
220
±3, ±5%
8
100
0.45
0.5
4.20
3.02
100
MLG1005SR22
T
270
±3, ±5%
8
100
0.40
0.5
4.80
3.54
100
MLG1005SR27
T
330
±3, ±5%
6
50
0.35
0.4
7.00
5.21
50
MLG1005SR33
T
390
±3, ±5%
6
50
0.30
0.4
8.00
5.97
50
MLG1005SR39
T


Similar Part No. - MLG1005S68NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG1005S68NJT000 TDK-MLG1005S68NJT000 Datasheet
239Kb / 16P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG1005S68NJT000 TDK-MLG1005S68NJT000 Datasheet
133Kb / 3P
   Inductors (Coils)
MLG1005S68NJT000 TDK-MLG1005S68NJT000_17 Datasheet
133Kb / 3P
   Inductors (Coils)
MLG1005S68NJTD25 TDK-MLG1005S68NJTD25 Datasheet
237Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG1005S68NJT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603S TDK-MLG0603S Datasheet
65Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B5N6D TDK-MLG1608B5N6D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0603Q TDK-MLG0603Q Datasheet
75Kb / 6P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG0402S TDK-MLG0402S Datasheet
36Kb / 2P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B8N2D TDK-MLG1608B8N2D Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLG1608B4N7S TDK-MLG1608B4N7S Datasheet
58Kb / 4P
   SMD Inductors(Coils) For High Frequency(Multilayer)
MLK1005S2N2ST TDK-MLK1005S2N2ST Datasheet
58Kb / 3P
   SMD Inductors For High Frequency
logo
Taiyo Yuden (U.S.A.), I...
HK060322NJ-T TAIYO-YUDEN-HK060322NJ-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16081N5S-T TAIYO-YUDEN-HK16081N5S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
HK16082N2S-T TAIYO-YUDEN-HK16082N2S-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors for High Frequency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com