Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E53-CKB Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E53-CKB
Description  Advanced, Compact Digital Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CKB Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E53-CKB Datasheet HTML 6Page - Omron Electronics LLC E53-CKB Datasheet HTML 7Page - Omron Electronics LLC E53-CKB Datasheet HTML 8Page - Omron Electronics LLC E53-CKB Datasheet HTML 9Page - Omron Electronics LLC E53-CKB Datasheet HTML 10Page - Omron Electronics LLC E53-CKB Datasheet HTML 11Page - Omron Electronics LLC E53-CKB Datasheet HTML 12Page - Omron Electronics LLC E53-CKB Datasheet HTML 13Page - Omron Electronics LLC E53-CKB Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
I-72
Digital Controller
E5CK
Terminal numbers 9 and 10 are for control output 2 (OUT2). The three output types and internal equalizing circuits are available according to the
Output Unit.
The following table shows the specifications for each output type.
Auxiliary Output 1
Terminal numbers 2 and 3 are for auxiliary output 1 (SUB1).
The internal equalizing circuit for auxiliary output 1 is as follows:
Relay specifications are as follows:
SPST-NO, 250 VAC, 1 A
Option
Terminal numbers 1, 13, and 14 are valid only when the Option Unit is set in the Controller.
The following four connections are possible depending on the model of the Option Unit.
Use event inputs under the following conditions:
The polarity for no-contact input is as follows:
Transfer output specifications are as follows:
4 to 20 mA, load: 500
Ω max., resolution approx. 2600
10
9
10
9
L
10
9
L
+V
+
+
+V
GND
E53-Q4Q4
E53-Q4HQ4H
NPN
PNP
Relay
GND
E53-R4R4/E53-V44R4
E53-Q4R4/E53-C4R4
E53-Q4HR4/E53-C4DR4
Output type
Specifications
Relay
Voltage (NPN)
Voltage (PNP)
3 A at 250 VAC
20 mA at 12 VDC (with short-circuit protection)
20 mA at 12 VDC (with short-circuit protection)
0 to 10 V
4 to 20 mA
0 to 10 VDC, permissible load impedance: 1 k
Ω min., resolution: approx. 2,600
4 to 20 mA, permissible load impedance: 500
Ω max., resolution: approx. 2,600
5
4
3
2
1
10
9
8
7
6
13
14
11
12
3
2
Contact input
ON: 1 k
Ω max., OFF: 100 kΩ min.
No-contact input
ON: residual voltage 1.5 V max., OFF: leakage current 0.1 mA max.
5
4
3
2
1
10
9
8
7
6
13
14
11
12
13
14
1
13
14
1
13
14
1
13
14
1
A
B
+
SD
RD
SG
4 to 20mA
E53-CK01
RS-232C
E53-CK03
RS-485
E53-CKB
E53-CKF
Event input
Transfer output
13
14
1
+


Similar Part No. - E53-CKB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53-CKB OMRON-E53-CKB Datasheet
795Kb / 14P
   Advanced, 1/16-DIN Ramp/Soak Process Controllers Ideal for Worldwide Use
More results

Similar Description - E53-CKB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
CP1W-40EDR OMRON-CP1W-40EDR Datasheet
1Mb / 9P
   Compact machine controllers
logo
Omega Engineering, Inc.
CCD100 OMEGA-CCD100 Datasheet
201Kb / 1P
   Compact, Economical Temperature Controllers
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Omron Electronics LLC
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
Texas Instruments
UCC3020 TI1-UCC3020 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com