Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR1504 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # TR1504
Description  Chip Transponder Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

TR1504 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  TR1504 Datasheet HTML 1Page - ECM Electronics Limited. TR1504 Datasheet HTML 2Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECM Chip Transponder Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(mH)
Tol
%
C
(pF)
Q Min.
(**kHz)
SRF
Min.
(kHz)
Reading
Distance
(cm)
RD
TR1102 Series
TR1102T-291
0.29 @125 kHz
K
5600
20
1000
29
TR1102T-341
0.34 @125 kHz
K
4700
20
1000
34
TR1102T-411
0.41 @125 kHz
K
3900
20
1000
38
TR1102T-491
0.49 @125 kHz
K
3300
20
1000
39
TR1102T-601
0.60 @125 kHz
K
2700
20
1000
41
TR1102T-731
0.73 @125 kHz
J
2200
20
1000
42
TR1102T-901
0.90 @125 kHz
J
1800
20
1000
43
TR1102T-102
1.08 @125 kHz
J
1500
20
1000
45
TR1102T-162
1.62 @125 kHz
J
1000
20
600
52
TR1102T-192
1.97 @125 kHz
J
820
20
400
59
TR1102T-242
2.38 @125 kHz
J
680
22
400
65
TR1102T-292
2.89 @125 kHz
J
560
25
400
68
TR1102T-342
3.44 @125 kHz
J
470
25
400
71
TR1102T-402
4.05 @125 kHz
J
400
25
350
74
TR1102T-492
4.91 @125 kHz
J
330
25
350
75
TR1102T-602
6.00 @125 kHz
J
270
25
350
75
TR1102T-722
7.20 @125 kHz
J
225
25
330
70
TR1102T-742
7.36 @125 kHz
J
220
25
300
63
TR1102T-902
9.00 @125 kHz
J
180
22
300
61
TR1102T-113
10.8 @125 kHz
J
150
20
300
54
TR1102T-143
13.5 @125 kHz
J
120
20
250
47
TR1102T-163
16.2 @125 kHz
J
100
20
250
45
TR1504 Series
TR1504T-411
0.41 @125 kHz
J
3900
20
1000
61
TR1504T-491
0.49 @125 kHz
J
3300
20
1000
65
TR1504T-601
0.60 @125 kHz
J
2700
20
1000
74
TR1504T-731
0.73 @125 kHz
J
2200
20
1000
75
TR1504T-901
0.90 @125 kHz
J
1800
20
1000
78
TR1504T-102
1.08 @125 kHz
J
1500
20
1000
80
TR1504T-162
1.62 @125 kHz
J
1000
20
800
78
TR1504T-192
1.97 @125 kHz
J
820
20
600
75
TR1504T-242
2.38 @125 kHz
J
680
22
400
75
TR1504T-292
2.89 @125 kHz
J
560
25
400
71
TR1504T-342
3.44 @125 kHz
J
470
25
400
68
TR1504T-412
4.15 @125 kHz
J
390
25
350
66
TR1504T-492
4.91 @125 kHz
J
330
25
350
65
TOLERANCES J=5%; K= 10%.
** = Operating and Test Frequency as specified in ‘L’ column
C = Capacitor for tuning circuits (125kHz) NB - the parallel input Cap. of the IC
must also be taken into account
RD = 20mVp/p in a tuned circuit – Emitter
∅ 194mm, L @ 734 µµH, Vrms 73.3mV


Similar Part No. - TR1504

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TR1504 PREMO-TR1504 Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1504-0029J PREMO-TR1504-0029J Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1504-0034J PREMO-TR1504-0034J Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1504-0049J PREMO-TR1504-0049J Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1504-0060J PREMO-TR1504-0060J Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
More results

Similar Description - TR1504

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
SDTR1103 ECM-SDTR1103 Datasheet
113Kb / 2P
   Chip Transponder Inductors
logo
TDK Electronics
B82450A1004A000 TDK-B82450A1004A000 Datasheet
156Kb / 6P
   Inductors Transponder coils
logo
PREMO CORPORATION S.L
GT-04815-800J PREMO-GT-04815-800J Datasheet
192Kb / 1P
   Glass tube transponder inductors
GT PREMO-GT_14 Datasheet
56Kb / 1P
   Glass tube transponder inductors
logo
TDK Electronics
B82451A2384D000 TDK-B82451A2384D000 Datasheet
522Kb / 6P
   SMT Inductors Transponder Coils, Size
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
   Chip RFID Transponder Coils
logo
TDK Electronics
B82451L1004E402 TDK-B82451L1004E402 Datasheet
630Kb / 6P
   SMT Inductors Z-transponder coils, size
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
   SMT inductors Transponder coils, size 1210
logo
List of Unclassifed Man...
W55MID35 ETC2-W55MID35 Datasheet
327Kb / 10P
   Transponder
logo
Texas Instruments
RI-ACC-SHT3-00 TI1-RI-ACC-SHT3-00 Datasheet
106Kb / 3P
[Old version datasheet]   TRANSPONDER SHEETING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com