Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D28-2R2 Datasheet(PDF) 4 Page - ECM Electronics Limited.

Part # CDRH4D28-2R2
Description  Surface Mount Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CDRH4D28-2R2 Datasheet(HTML) 4 Page - ECM Electronics Limited.

  CDRH4D28-2R2 Datasheet HTML 1Page - ECM Electronics Limited. CDRH4D28-2R2 Datasheet HTML 2Page - ECM Electronics Limited. CDRH4D28-2R2 Datasheet HTML 3Page - ECM Electronics Limited. CDRH4D28-2R2 Datasheet HTML 4Page - ECM Electronics Limited. CDRH4D28-2R2 Datasheet HTML 5Page - ECM Electronics Limited. CDRH4D28-2R2 Datasheet HTML 6Page - ECM Electronics Limited. CDRH4D28-2R2 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 4
ECM
Part
L
(
µH)
Tol
%
RDC
MAX
(
Ω)
IDC
IN
(A)
CDRH5D18 Series continued…
CDRH5D18-470
47 @ 10kHz
N
0.595
0.54
CDRH5D18-560
56 @ 10kHz
N
0.665
0.50
CDRH5D18-680
68 @ 10kHz
N
0.840
0.43
CDRH5D18-820
82 @ 10kHz
N
0.978
0.41
CDRH5D18-101
100 @ 10kHz
N
1.200
0.36
CDRH5D28 Series
CDRH5D28-2R6
2.6uH @ 10kHz
N
0.018
2.60
CDRH5D28-3R0
3.0uH @ 10kHz
N
0.024
2.40
CDRH5D28-4R2
4.2uH @ 10kHz
N
0.031
2.20
CDRH5D28-5R3
5.3uH @ 10kHz
N
0.038
1.90
CDRH5D28-6R2
6.2uH @ 10kHz
N
0.045
1.80
CDRH5D28-8R2
8.2uH @ 10kHz
N
0.053
1.60
CDRH5D28-100
10uH @ 10kHz
N
0.065
1.30
CDRH5D28-120
12uH @ 10kHz
N
0.076
1.20
CDRH5D28-150
15uH @ 10kHz
N
0.103
1.10
CDRH5D28-180
18uH @ 10kHz
N
0.110
1.00
CDRH5D28-220
22uH @ 10kHz
N
0.122
0.90
CDRH5D28-270
27uH @ 10kHz
N
0.175
0.85
CDRH5D28-330
33uH @ 10kHz
N
0.189
0.75
CDRH5D28-390
39uH @ 10kHz
N
0.212
0.70
CDRH5D28-470
47uH @ 10kHz
N
0.260
0.62
CDRH5D28-560
56uH @ 10kHz
N
0.305
0.58
CDRH5D28-680
68uH @ 10kHz
N
0.355
0.52
CDRH5D28-820
82uH @ 10kHz
N
0.463
0.46
CDRH5D28-101
100uH @ 10kHz
N
0.520
0.42
CDRH6D28 Series
CDRH6D28-3R0
3.0uH @ 10kHz
N
0.024
3.00
CDRH6D28-3R9
3.9uH @ 10kHz
N
0.027
2.60
CDRH6D28-5R0
5.0uH @ 10kHz
N
0.031
2.40
CDRH6D28-6R0
6.0uH @ 10kHz
N
0.035
2.25
CDRH6D28-7R3
7.3uH @ 10kHz
N
0.054
2.10
CDRH6D28-8R6
8.6uH @ 10kHz
N
0.058
1.85
CDRH6D28-100
10uH @ 10kHz
N
0.065
1.70
CDRH6D28-120
12uH @ 10kHz
N
0.070
1.55
CDRH6D28-150
15uH @ 10kHz
N
0.084
1.40
CDRH6D28-180
18uH @ 10kHz
N
0.095
1.32
CDRH6D28-220
22uH @ 10kHz
N
0.128
1.20
CDRH6D28-270
27uH @ 10kHz
N
0.142
1.05
CDRH6D28-330
33uH @ 10kHz
N
0.165
0.97
CDRH6D28-390
39uH @ 10kHz
N
0.210
0.86
CDRH6D28-470
47uH @ 10kHz
N
0.238
0.80
CDRH6D28-560
56uH @ 10kHz
N
0.277
0.73
CDRH6D28-680
68uH @ 10kHz
N
0.304
0.65
CDRH6D28-820
82uH @ 10kHz
N
0.390
0.60
CDRH6D28-101
100uH @ 10kHz
N
0.535
0.54
CDRH6D38 Series
CDRH6D38-3R3
3.3 @ 10kHz
N
0.020
3.50
CDRH6D38-5R0
5.0 @ 10kHz
N
0.024
2.90
CDRH6D38-6R2
6.2 @ 10kHz
N
0.027
2.50
CDRH6D38-7R4
7.4 @ 10kHz
N
0.031
2.30
CDRH6D38-8R7
8.7 @ 10kHz
N
0.034
2.20
CDRH6D38-100
10 @ 10kHz
N
0.038
2.00
CDRH6D38-120
12 @ 10kHz
N
0.053
1.70
CDRH6D38-150
15 @ 10kHz
N
0.057
1.60
CDRH6D38-180
18 @ 10kHz
N
0.092
1.50
CDRH6D38-220
22 @ 10kHz
N
0.096
1.30


Similar Part No. - CDRH4D28-2R2

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
CDRH4D28-2R2 ANALOGICTECH-CDRH4D28-2R2 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
logo
AIT Components Ltd.
CDRH4D28-2R2 AITCOMPONENTS-CDRH4D28-2R2 Datasheet
30Kb / 1P
   CDRH4D28 SMD POWER INDUCTOR
More results

Similar Description - CDRH4D28-2R2

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com