Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE631 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE631
Description  Silicon Rectifier Diode High−Speed Switch (Surface Mount)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE631 Datasheet(HTML) 1 Page - NTE Electronics

  NTE631 Datasheet HTML 1Page - NTE Electronics NTE631 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE631
Silicon Rectifier Diode
High−Speed Switch
(Surface Mount)
Description:
The NTE631 is a high−speed switching diode fabricated in planar technology and encapsulated in
a very small rectangular ceramic SMD package.
Features:
D Small Ceramic SMD Package
D High Switching Speed
Applications:
D High−Speed Switching in Surface Mounted Circuits
Absolute Maximum Ratings:
Repetitive Peak Reverse Voltage, VRRM
85V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Reverse Voltage, VR
75V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Forward Current (Note 1), IF
250mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Repetiive Peak Forward Current, IFRM
5020mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Non−Repetitive Peak Forward Current (Square Wave, TJ = +25°C Prior to Surge), IFSM
t = 1µs
4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
t = 1ms
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
t = 1sec
0.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C, Note 1), Ptot
400mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−65° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction−to−Ambient (Note 1), RthJA
315K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction−to−Case, RthJC
200K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Device mounted on an FR4 printed−circuit board.
Electrical Characteristics: (TJ = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward Voltage
VF
IF = 1mA
715
mV
IF = 10mA
855
mV
IF = 50mA
1.0
V
IF = 150mA
1.25
V


Similar Part No. - NTE631

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE63 NTE-NTE63 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Gain, Low Noise Amp
NTE630 NTE-NTE630 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE633 NTE-NTE633 Datasheet
55Kb / 2P
   Silicon Rectifier Diode High Speed Switching (Surface Mount)
NTE6354 NTE-NTE6354 Datasheet
25Kb / 3P
   Silicon Power Rectifier Diode, 300 Amp
NTE6355 NTE-NTE6355 Datasheet
25Kb / 3P
   Silicon Power Rectifier Diode, 300 Amp
More results

Similar Description - NTE631

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE633 NTE-NTE633 Datasheet
55Kb / 2P
   Silicon Rectifier Diode High Speed Switching (Surface Mount)
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150_10 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448 CENTRAL-CMHD4448_10 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448TR CENTRAL-CMHD4448TR Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMOD4448 CENTRAL-CMOD4448_10 Datasheet
352Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4448 CENTRAL-CLL4448_10 Datasheet
303Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMOD4448 CENTRAL-CMOD4448 Datasheet
494Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_10 Datasheet
304Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMPD4448 CENTRAL-CMPD4448_15 Datasheet
393Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com