Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F21M15BU Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # F21M15BU
Description  Monolithic Crystal Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

F21M15BU Datasheet(HTML) 1 Page - ECM Electronics Limited.

  F21M15BU Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Monolithic Crystal Filters
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
21.4MHz Series
§ Monolithic Crystal Filters
§ For I.F Selection in VHF & UHF Systems
§ Cost Effective Design
§ Rugged Construction
§ Custom Options Available
Type
Centre
Frequency
Channel
Spacing
Number
Of Poles
Passband
Width
Termination
Impedance
Case Style
F21M08A
21.4MHz
12.5kHz
2
3dB +/-3.75kHz
900
Ω//4pF
HC49/U
F21M08B
21.4MHz
12.5kHz
4
3dB +/-3.75kHz
1300
Ω//2pF
HC49/U x 2
F21M08C
21.4MHz
12.5kHz
6
6dB +/-3.75kHz
1300
Ω//2pF
M-104
F21M08D
21.4MHz
12.5kHz
8
6dB +/-3.75kHz
1300
Ω//2pF
M-105
FT21M08D
21.4MHz
12.5kHz
8
3dB +/-3.75kHz
910
Ω//15pF
M-106
F21M08AU
21.4MHz
12.5kHZ
2
3dB +/-3.75kHz
900
Ω//7pF
UM-1
F21M08BU
21.4MHz
12.5kHz
4
3dB +/-3.75kHz
900
Ω//2pF
UM-1 x 2
F21M08CU
21.4MHz
12.5kHz
6
6dB +/-3.75kHz
900
Ω//3pF
M-107
F21M08DU
21.4MHz
12.5kHz
6
6dB +/-3.75kHz
900
Ω//4pF
M-107
F21M08DL
21.4MHz
12.5kHz
6
6dB +/-3.75kHz
900
Ω//4pF
M-108
FT21M08DU
21.4MHz
12.5kHz
3
3dB +/-3.75kHz
470
Ω//15pF
M-110
F21M12BU
21.4MHz
20.0kHz
3
3dB +/-6.00kHz
1500
Ω//2pF
UM-1 x 2
F21M12CU
21.4MHz
20.0kHz
6
6dB +/-6.00kHz
1500
Ω//1pF
M-107
F21M12DU
21.4MHz
20.0kHz
8
6dB +/-6.00kHz
1500
Ω//1pF
M-107
F21M12DL
21.4MHz
20.0kHz
8
6dB +/-6.00kHz
1500
Ω//1pF
M-108
FT21M12DU
21.4MHz
20.0kHz
8
3dB +/-6.00kHz
470
Ω//15pF
M-110
F21M15A
21.4MHz
25.0kHz
2
3dB +/-7.50kHz
900
Ω//5pF
HC49/U
F21M15B
21.4MHz
25.0kHz
4
3dB +/-7.50kHz
1000
Ω//2pF
HC49/U x 2
F21M15C
21.4MHz
25.0kHz
6
6dB +/-7.50kHz
1200
Ω//1.5pF
M-104
F21M15D
21.4MHz
25.0kHz
8
6dB +/-7.50kHz
1200
Ω//2pF
M-105
FT21M15D
21.4MHz
25.0kHz
8
3dB +/-7.50kHz
910
Ω//15pF
M-106
FT21M15D2
21.4MHz
25.0kHz
8
3dB +/-7.50kHz
910
Ω//15pF
M-109
F21M15AU
21.4MHz
25.0kHz
2
3dB +/-7.50kHz
1500
Ω//2pF
UM-1
F21M15BU
21.4MHz
25.0kHz
4
3dB +/-7.50kHz
1500
Ω//1pF
UM-1 x 2
F21M15CU
21.4MHz
25.0kHz
6
6dB +/-7.50kHz
1500
Ω//1pF
M-107
F21M15DU
21.4MHz
25.0kHz
8
6dB +/-7.50kHz
1500
Ω//1pF
M-107
F21M15DL
21.4MHz
25.0kHz
8
6dB +/-7.50kHz
1500
Ω//1pF
M-108
FT21M15DU
21.4MHz
25.0kHz
8
3dB +/-7.50kHz
470
Ω//15pF
M-110


Similar Part No. - F21M15BU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
More results

Similar Description - F21M15BU

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com