Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA2073M Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UAA2073M
Description  Image rejecting front-end for GSM applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA2073M Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UAA2073M Datasheet HTML 5Page - NXP Semiconductors UAA2073M Datasheet HTML 6Page - NXP Semiconductors UAA2073M Datasheet HTML 7Page - NXP Semiconductors UAA2073M Datasheet HTML 8Page - NXP Semiconductors UAA2073M Datasheet HTML 9Page - NXP Semiconductors UAA2073M Datasheet HTML 10Page - NXP Semiconductors UAA2073M Datasheet HTML 11Page - NXP Semiconductors UAA2073M Datasheet HTML 12Page - NXP Semiconductors UAA2073M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1995 Dec 07
9
Philips Semiconductors
Product specification
Image rejecting front-end
for GSM applications
UAA2073M
AC CHARACTERISTICS
VCC = 3.75 V; Tamb = −30 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Receive section (receive section on)
ZRF
RF input impedance (real part)
balanced parallel
150
−Ω
fRF
RF input frequency
925
960
MHz
RLRF
return loss on matched RF input
note 1
15
20
dB
GCP
conversion power gain
differential RF input to
differential IF output matched to
1k
Ω differential
20
23
26
dB
Grip
gain ripple as a function of RF
frequency
note 2
0.2
0.5
dB
∆G/T
gain variation with temperature
note 2
−20
−15
−10
mdB/K
DES1
1 dB desensitization input power
interferer frequency offset
3 MHz
−−30
dBm
CP1RX
1 dB input compression point
note 1
−24.5 −23.0 −
dBm
IP2DRX
2nd order intercept point
referenced to the RF differential
input
differential output; note 2
+30
+40
dBm
IP3RX
3rd order intercept point
referenced to the RF input
note 2
−18
−15
dBm
NFRX
overall noise figure
RF input to differential IF output;
notes 2 and 3
3.25
4.30
dB
RL(IF)
typical application IF output load
resistor
between pin and VCC
500
−Ω
CL(IF)
IF output load capacitance
unbalanced
−−
2pF
fIF
IF frequency range
fLO >fRF
50
71
100
MHz
fLO <fRF
50
71
100
MHz
IR
image frequency rejection
30
37
dB
Local oscillator section (RXON or TXON or SYNTHON = 1)
fLO
LO input frequency
850
1100
MHz
ZLO
LO input impedance
balanced
50
−Ω
∆Z
LO
impedance change when
switching from synthon mode to
SRX or STX mode
mUnits measured on Smith
chart; note 1
20
−Ω
RLLO
return loss on matched input
(including power-down mode)
note 2
10
15
dB
Pi(LO)
LO input power level
−7
−4
0
dBm
RILO
reverse isolation
LOIN to RFIN at LO frequency;
note 2
40
−−
dB


Similar Part No. - UAA2073M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
More results

Similar Description - UAA2073M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA2073AM PHILIPS-UAA2073AM Datasheet
157Kb / 20P
   Image rejecting front-end for GSM applications
1997 Jan 27
UAA2077AM PHILIPS-UAA2077AM Datasheet
126Kb / 16P
   Image rejecting front-end for DECT applications
1996 Jul 04
UAA2077CM PHILIPS-UAA2077CM Datasheet
129Kb / 20P
   2 GHz image rejecting front-end
1997 Sep 24
UAA2077BM PHILIPS-UAA2077BM Datasheet
140Kb / 16P
   2 GHz image rejecting front-end
1995 Dec 13
UAA2077TS PHILIPS-UAA2077TS Datasheet
69Kb / 16P
   2 GHz image rejecting front-end
2000 Apr 17
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
logo
List of Unclassifed Man...
RF212 ETC-RF212 Datasheet
89Kb / 9P
   Image-Reject Front End for Dual or Tri-Band GSM Applications
logo
Synaptics Incorporated.
RF210A CONEXANT-RF210A Datasheet
77Kb / 8P
   Dual-Band, Image-Reject Downconverters For GSM Applications
logo
NXP Semiconductors
SA1620 PHILIPS-SA1620 Datasheet
203Kb / 26P
   Low voltage GSM front-end transceiver
1997 May 22
logo
Skyworks Solutions Inc.
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com