Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKB0809 Datasheet(PDF) 5 Page - ECM Electronics Limited.

Part # PKB0809
Description  Radial Leaded Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

PKB0809 Datasheet(HTML) 5 Page - ECM Electronics Limited.

  PKB0809 Datasheet HTML 1Page - ECM Electronics Limited. PKB0809 Datasheet HTML 2Page - ECM Electronics Limited. PKB0809 Datasheet HTML 3Page - ECM Electronics Limited. PKB0809 Datasheet HTML 4Page - ECM Electronics Limited. PKB0809 Datasheet HTML 5Page - ECM Electronics Limited. PKB0809 Datasheet HTML 6Page - ECM Electronics Limited. PKB0809 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ECM Radial Leaded Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM
Part
L
(
µH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
PKB0804 Series
PKB0804-101
100 @0.796 MHz
J,K
60
6.1
2.00
200
PKB0804-121
120 @0.796 MHz
J,K
60
5.5
3.00
200
PKB0804-151
150 @0.796 MHz
J,K
60
5.0
3.00
200
PKB0804-181
180 @0.796 MHz
J,K
60
4.7
3.00
200
PKB0804-221
220 @0.796 MHz
J,K
60
4.5
3.00
150
PKB0804-271
270 @0.796 MHz
J,K
60
4.1
3.00
150
PKB0804-331
330 @0.796 MHz
J,K
60
3.8
4.00
150
PKB0804-391
390 @0.796 MHz
J,K
60
3.5
4.00
100
PKB0804-471
470 @0.796 MHz
J,K
60
3.2
5.00
100
PKB0804-561
560 @0.796 MHz
J,K
60
2.9
6.00
100
PKB0804-681
680 @0.796 MHz
J,K
60
2.7
6.00
100
PKB0804-821
820 @0.796 MHz
J,K
60
2.3
7.00
50
PKB0804-102
1000 @0.252 MHz
J,K
80
2.1
9.00
50
PKB0804-122
1200 @0.252 MHz
J,K
80
1.9
9.00
50
PKB0804-152
1500 @0.252 MHz
J,K
80
1.8
11.00
50
PKB0804-182
1800 @0.252 MHz
J,K
80
1.6
12.00
50
PKB0804-222
2200 @0.252 MHz
J,K
80
1.5
14.00
50
PKB0804-272
2700 @0.252 MHz
J,K
80
1.4
15.00
50
PKB0804-332
3300 @0.252 MHz
J,K
80
0.9
25.00
40
PKB0804-392
3900 @0.252 MHz
J,K
80
0.9
30.00
40
PKB0804-472
4700 @0.252 MHz
J,K
80
0.8
32.00
40
PKB0804-562
5600 @0.252 MHz
K
80
0.7
36.00
30
PKB0804-682
6800 @0.252 MHz
K
80
0.7
40.00
30
PKB0804-822
8200 @0.252 MHz
K
80
0.6
45.00
30
PKB0804-103
10000 @0.079 MHz
K
60
0.6
55.00
20
PKB0804-123
12000 @0.079 MHz
K
60
0.5
65.00
20
PKB0804-153
15000 @0.079 MHz
K
60
0.5
80.00
20
PKB0865 Series
PKB0865-1R0
1.0 @25.2 MHz
M
20
0.02
8600
PKB0865-1R5
1.5 @7.96 MHz
M
20
0.02
7600
PKB0865-2R2
2.2 @7.96 MHz
M
20
0.03
6300
PKB0865-3R3
3.3 @7.96 MHz
M
20
0.03
5400
PKB0865-4R7
4.7 @7.96 MHz
M
20
0.03
4600
PKB0865-6R8
6.8 @7.96 MHz
M
20
0.04
4100
PKB0865-100
10 @2.52 MHz
K
50
0.04
3400
PKB0865-120
12 @2.52 MHz
K
50
0.05
3100
PKB0865-150
15 @2.52 MHz
K
50
0.05
2900
PKB0865-180
18 @2.52 MHz
K
50
0.06
2600
PKB0865-220
22 @2.52 MHz
K
50
0.07
2400


Similar Part No. - PKB0809

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKB24SPCH3601-B0 MURATA-PKB24SPCH3601-B0 Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
logo
Murata Manufacturing Co...
PKB24SPCH3601-B0 MURATA1-PKB24SPCH3601-B0 Datasheet
227Kb / 9P
   Specification of Piezoelectric Buzzer
March 24, 2017
PKB24SPCH3601-B0 MURATA1-PKB24SPCH3601-B0_V01 Datasheet
227Kb / 9P
   Specification of Piezoelectric Buzzer
March 24, 2017
logo
Murata Manufacturing Co...
PKB24SWH3301 MURATA-PKB24SWH3301 Datasheet
182Kb / 3P
   this is a unified piezoelectric sounder which has a piezoelectric
logo
Murata Manufacturing Co...
PKB24SWH3301 MURATA1-PKB24SWH3301 Datasheet
269Kb / 3P
   Piezoelectric Sounders / Buzzers
03/07/2024
More results

Similar Description - PKB0809

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com