Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER60J107M Datasheet(PDF) 10 Page - Texas Instruments

Part # GRM32ER60J107M
Description  60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GRM32ER60J107M Datasheet(HTML) 10 Page - Texas Instruments

Back Button GRM32ER60J107M Datasheet HTML 6Page - Texas Instruments GRM32ER60J107M Datasheet HTML 7Page - Texas Instruments GRM32ER60J107M Datasheet HTML 8Page - Texas Instruments GRM32ER60J107M Datasheet HTML 9Page - Texas Instruments GRM32ER60J107M Datasheet HTML 10Page - Texas Instruments GRM32ER60J107M Datasheet HTML 11Page - Texas Instruments GRM32ER60J107M Datasheet HTML 12Page - Texas Instruments GRM32ER60J107M Datasheet HTML 13Page - Texas Instruments GRM32ER60J107M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
PTH04040W
SLTS238A – SEPTEMBER 2005 – REVISED FEBRUARY 2006
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Capacitor Vendor,
Max Ripple
Working
Value
Max. ESR
Physical
Input
Output
Type Series (Style)
Current at
Vendor Part No.
Voltage
(µF)
at 100 kHz
Size (mm)
Bus
Bus
85
°C (I rms)
Panasonic
FC (Radial)
10 V
1000
0.068
>1050 mA
10
× 16
1
1
EEUFC1A102
FK (SMD)
10 V
1000
0.0650
1205 mA
12.5
× 16.5
1
1
EEVFC1A102LQ
10 V
1000
0.080
850 mA
10
× 10.2
1
1
EEVFK1A102P
United Chemi-Con
FX, Oscon (Radial)
6.3 V
1000
0.013
4935 mA
10
× 10.5
1
1
6FX1000M
PXA, (Poly-Aluminum (SMD)
6.3 V
820
0.010
5500 mA
10
× 12.2
2
1
PXA6.3VC820MJ12TP
PSA (Poly-Aluminum)
10 V
680
0.007
>5800 mA
10
× 11.5
2
≤3
PSA6.3VB680MJ11
LXZ, Aluminum (Radial)
10 V
1000
0.068
1050 mA
10
× 16
1
1
LXZ10VB102M10X16LL
Nichicon, Aluminum
HD (Radial)
6.3 V
1000
0.053
1030 mA
10
× 12.5
1
1
UHD0J102MPR
PM (Radial)
10 V
1000
0.065
1040 mA
12.5
× 15
1
1
UPM1A102MHH6
Sanyo, Os-Con
SP, (Radial)
10 V
470
0.015
>4500 mA
10x10.5
2(2)
≤5
10SP470M
SVP, (SMD)
6.3 V
820
0.012
>5440 mA
10x12.7
2
≤ 43
6SVP820M
Panasonic, Poly-Aluminum:
S/SE (SMD)
63 V
180
0.005
4000 mA
7.3x4.3x4.2
N/R
≤2
EEFSE0J181R
AVX, Tantalum, Series III
TPS (SMD)
10 V
470
0.045
1723 mA
7,3 L
2(2)
≤7
TPSE477M010R0045
10 V
470
0.060
1826 mA
× 5,7 W
2(2)
≤7
TPSV477M010R0060
× 4,1 H
Kemet, Poly-Tantalum
T520 (SMD)
6.3 V
470
0.018
>1200 mA
4,3 W
2(2)
≤6
T520X477M006SE018
T530 (SMD)
10 V
330
0.015
>3800 mA
× 7.3 L
3
≤4
T530X337M010AS
6.3 V
470
0.012
4200 mA
× 4 H
2(2)
≤3
T530X477M006AS
Vishay-Sprague
7.2 L
× 6 W
595D, Tantalum (SMD)
10 V
470
0.100
1440 mA
× 4.1 H
2(2)
≤7
595D477X0010R2T
94SA, Os-con (Radial)
16 V
2200
0.015
9740 mA
16
× 25
1
≤4
94SA108X0016HBP
Kemet, Ceramic X5R (SMD)
16 V
10
0.002
1210 case
1(3)
≤9
C1210C106M4PAC
6.3 V
47
0.002
3225 mm
1(3)
≤8
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3 V
100
0.002
1210 case
1(3)
≤4
GRM32ER60J107M
6.3 V
47
3225 mm
1(3)
≤ 8
GRM32ER60J476M
16 V
22
1(3)
≤ 8
GRM32ER61C226K
16 V
10
≤ 9
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3 V
100
0.002
1210 case
1(3)
≤4
C3225X5R0J107MT
6.3 V
47
3225 mm
1(3)
≤ 8
C3225X5R0J476MT
16 V
22
1(3)
≤ 8
C3225X5R1C226MT
16 V
10
≤ 9
C3225X5R1C106MT
(1)
Capacitor Supplier Verification
1.Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
2.Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
The total capacitance is slightly lower than 1000
µF, but is acceptable based on the combined ripple current rating.
(3)
Ceramic capacitors can be used to complement electrolytic types at the input to further reduce high-frequency ripple current.
10
Submit Documentation Feedback


Similar Part No. - GRM32ER60J107M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER60J107M MURATA-GRM32ER60J107M Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 1210 X5R 100uF 6.3V
logo
Intersil Corporation
GRM32ER60J107M INTERSIL-GRM32ER60J107M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
GRM32ER60J107M INTERSIL-GRM32ER60J107M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Texas Instruments
GRM32ER60J107M TI-GRM32ER60J107M Datasheet
1Mb / 29P
[Old version datasheet]   TPSM41625 4-V to 16-V Input, 25-A DC/DC Power Module with Current Sharing
GRM32ER60J107M TI-GRM32ER60J107M Datasheet
1Mb / 28P
[Old version datasheet]   TPSM41615 4-V to 16-V Input, 15-A DC/DC Power Module with Current Sharing
More results

Similar Description - GRM32ER60J107M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com