Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1086P151JR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XB1086P151JR
Description  1.5A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1086P151JR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XB1086P151JR Datasheet HTML 3Page - Torex Semiconductor XB1086P151JR Datasheet HTML 4Page - Torex Semiconductor XB1086P151JR Datasheet HTML 5Page - Torex Semiconductor XB1086P151JR Datasheet HTML 6Page - Torex Semiconductor XB1086P151JR Datasheet HTML 7Page - Torex Semiconductor XB1086P151JR Datasheet HTML 8Page - Torex Semiconductor XB1086P151JR Datasheet HTML 9Page - Torex Semiconductor XB1086P151JR Datasheet HTML 10Page - Torex Semiconductor XB1086P151JR Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10/11
XB1086 Series
TO252
①② Represents product series
MARK
PRODUCT SERIES
8
5
XB1086****J*
③ Represent the type of regulator
MARK
PRODUCT SERIES
P
XB1086P***J*
K
XB1086K***J*
④⑤ Represents output voltage
MARK
OUTPUT VOTLAGE
PRODUCT SERIES
1
5
1.5V
XB1086P151J*
1
8
1.8V
XB1086P181J*
2
5
2.5V
XB1086P251J*
3
3
3.3V
XB1086P331J*
5
0
5.0V
XB1086P501J*
1
2
ADJ
XB1086K12BJ*
⑥ Represents output voltage accuracy and output type
MARK
OUTPUT VOLTAGE
ACCURACY
(OUTPUT TYPE)
PRODUCT SERIES
1
1%
XB1086P**1J*
B
ADJ
XB1086K12BJ*
⑦ Represents the last digit of production year
ex.)
MARK
PRODUCTION YEAR
7
2007
8
2008
⑧ Represents production lot number
0 to 9, A to Z repeated.
(G, I, J, O, Q, W excepted. ‘0’ of the first digit does not mark.)
*No character inversion used.
ex.)
MARK
PRODUCTION LOT NUMBER
Blank
3
03
1
A
1A
1
3
2
① ② ③
⑤ ⑥
⑦ ⑧ ⑨
■MARKING RULE
●TO-252
TO-252
(TOP VIEW)


Similar Part No. - XB1086P151JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086P151JR TOREX-XB1086P151JR Datasheet
178Kb / 11P
   1.5A Poisitive Voltage Regulator
XB1086P151JR-G TOREX-XB1086P151JR-G Datasheet
178Kb / 11P
   1.5A Poisitive Voltage Regulator
More results

Similar Description - XB1086P151JR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
G5J2188 GTM-G5J2188 Datasheet
543Kb / 7P
   1.5A CMOS Positive Voltage Regulator
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78D05AA UTC-78D05AA Datasheet
352Kb / 8P
   3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com