Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3043BT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TZA3043BT
Description  Gigabit Ethernet/Fibre Channel transimpedance amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3043BT Datasheet(HTML) 2 Page - NXP Semiconductors

  TZA3043BT Datasheet HTML 1Page - NXP Semiconductors TZA3043BT Datasheet HTML 2Page - NXP Semiconductors TZA3043BT Datasheet HTML 3Page - NXP Semiconductors TZA3043BT Datasheet HTML 4Page - NXP Semiconductors TZA3043BT Datasheet HTML 5Page - NXP Semiconductors TZA3043BT Datasheet HTML 6Page - NXP Semiconductors TZA3043BT Datasheet HTML 7Page - NXP Semiconductors TZA3043BT Datasheet HTML 8Page - NXP Semiconductors TZA3043BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2000 Mar 28
2
Philips Semiconductors
Product specification
Gigabit Ethernet/Fibre Channel
transimpedance amplifier
TZA3043; TZA3043B
FEATURES
• Wide dynamic range, typically 2.5 µA to 1.5 mA
• Low equivalent input noise, typically 5.7 pA/√Hz
• Differential transimpedance of 8.3 kΩ
• Wide bandwidth from DC to 950 MHz
• Differential outputs
• On-chip Automatic Gain Control (AGC)
• No external components required
• Single supply voltage from 3.0 to 5.5 V
• Bias voltage for PIN diode
• Pin compatible with TZA3023 and SA5223
• Switched output polarity available (B-version).
APPLICATIONS
• Digital fibre optic receiver in medium and long haul
optical telecommunications transmission systems or in
high speed data networks
• Wideband RF gain block.
GENERAL DESCRIPTION
The TZA3043 is a high speed transimpedance amplifier
with AGC designed to be used in Gigabit Ethernet/Fibre
Channel optical links. It amplifies the current generated by
a photo detector (PIN diode or avalanche photodiode) and
converts it to a differential output voltage.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TZA3043T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TZA3043U
bare die in waffle pack carriers; die dimensions 1.030
× 1.300 mm
TZA3043BT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TZA3043BU
bare die in waffle pack carriers; die dimensions 1.030
× 1.300 mm


Similar Part No. - TZA3043BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3041 PHILIPS-TZA3041 Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041BHL PHILIPS-TZA3041BHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041U PHILIPS-TZA3041U Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3044 PHILIPS-TZA3044 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3043BT

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
NXP Semiconductors
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com