Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA1570HL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UAA1570HL
Description  Global Positioning System GPS front-end receiver circuit
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA1570HL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UAA1570HL Datasheet HTML 7Page - NXP Semiconductors UAA1570HL Datasheet HTML 8Page - NXP Semiconductors UAA1570HL Datasheet HTML 9Page - NXP Semiconductors UAA1570HL Datasheet HTML 10Page - NXP Semiconductors UAA1570HL Datasheet HTML 11Page - NXP Semiconductors UAA1570HL Datasheet HTML 12Page - NXP Semiconductors UAA1570HL Datasheet HTML 13Page - NXP Semiconductors UAA1570HL Datasheet HTML 14Page - NXP Semiconductors UAA1570HL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
1999 May 10
11
Philips Semiconductors
Product specification
Global Positioning System (GPS) front-end
receiver circuit
UAA1570HL
7
FUNCTIONAL DESCRIPTION
The programmability of the UAA1570HL and flexible
interface definitions allow the device to be configured for a
wide range of applications. To restrict the content of this
document the functional description of the device will
generally concentrate on the C/A-code application circuit
based on the default frequency plan.
The application circuit does not allow easy measurement,
calibration and documentation of the many sub-block
characteristics which ensure good system performance.
Therefore, test boards have been developed which allow
direct measurement of the sub-block characteristics.
The tables and graphs reflect the UAA1570HL
specification as derived from simulation and measured
results in these characterization board environments.
The tables and graphs do not directly specify application
board expectations. The functional description however,
focuses on the default application.
The RF system diagram (see Fig.3) illustrates the default
application of the UAA1570HL in the Philips GPS
demonstration board. In this application the UAA1570HL is
intended to be operated directly from a passive GPS
antenna through a very short antenna cable. Any cable
loss in this demonstrator adds directly to the system noise
figure and should therefore be minimized.
LNA1 can be powered down in the UAA1570HL to
accommodate applications built around external LNAs,
typically where long antenna cable runs are required.
The first LNA is assumed to be matched with a 2nd-order
band-pass structure to provide some input selectivity,
since no dielectric or SAW filter has been used in the
demonstration board. It should be noted that low loss RF
SAW filters now make it possible to significantly improve
the jam immunity of this amplifier, by placing a SAW filter
at the output of the antenna.
On the demonstration board the first LNA is followed by a
low loss RF SAW filter (<2.4 dB).
On the demonstration board the second LNA has been
matched to 50
Ω using a simple transmission line
structure.
Finally, another identical RF SAW filter follows the second
LNA into the first mixer.


Similar Part No. - UAA1570HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA1001 ETC1-UAA1001 Datasheet
140Kb / 5P
   Integrierte Schaltungen fur die Konsumelektronik
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
   AUTOMOTIVE DIRECTION INDICATOR
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - UAA1570HL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2742 MAXIM-MAX2742 Datasheet
573Kb / 8P
   Single-Chip Global Positioning System Receiver Front-End
Rev 0; 11/04
MAX2745 MAXIM-MAX2745 Datasheet
410Kb / 9P
   Single-Chip Global Positioning System Receiver Front-End
Rev 0; 10/04
logo
NXP Semiconductors
SAA1575HL PHILIPS-SAA1575HL Datasheet
744Kb / 56P
   Global Positioning System GPS baseband processor
1999 Jun 04
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11 Datasheet
570Kb / 12P
   GPS Front-End Module
Rev.3.1, Oct. 2009
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
logo
Infineon Technologies A...
BGM781N11 INFINEON-BGM781N11_10 Datasheet
372Kb / 12P
   GPS Front-End Module
Rev.3.2, Oct. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com