Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3044U Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA3044U
Description  1.25 Gbits/s Gigabit Ethernet postamplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3044U Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA3044U Datasheet HTML 1Page - NXP Semiconductors TZA3044U Datasheet HTML 2Page - NXP Semiconductors TZA3044U Datasheet HTML 3Page - NXP Semiconductors TZA3044U Datasheet HTML 4Page - NXP Semiconductors TZA3044U Datasheet HTML 5Page - NXP Semiconductors TZA3044U Datasheet HTML 6Page - NXP Semiconductors TZA3044U Datasheet HTML 7Page - NXP Semiconductors TZA3044U Datasheet HTML 8Page - NXP Semiconductors TZA3044U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1998 Jul 07
5
Philips Semiconductors
Objective specification
1.25 Gbits/s Gigabit Ethernet postamplifiers
TZA3044T; TZA3044U
Bonding pad locations
Fig.3 Bonding pad locations: TZA3044U.
(1) Typical value.
Pad size: 90
× 90 µm.
handbook, full pagewidth
AGND
4
VCCD
27
TEST
26
DGND
25
DOUT
24
DOUTQ
23
DGND
22
TEST
21
DGND
20
AGND
6
DIN
7
DINQ
8
AGND
9
TEST
10
VCCA
11
n.c.
5
TZA3044U
12
3
2
1
32
31
30
29
28
13
14
15
16
17
18
19
MGR242
1.58 mm(1)
1.58(1)
mm
x
y
0
0
FUNCTIONAL DESCRIPTION
The TZA3044 accepts up to 1.25 Gbits/s Gigabit Ethernet
data streams, with amplitudes from 2 mV (p-p) up to
1 V (p-p) single-ended. The input signal will be amplified
and limited to differential PECL output levels (see Fig.1).
The input buffer A1 presents an impedance of
approximately 4.5 k
Ω to the data stream on the inputs DIN
and DINQ. The input can be used both single-ended and
differential, but differential operation is preferred for better
performance.
Because of the high gain of the postamplifier, a very small
offset voltage would shift the decision level in such a way
that the input sensitivity decreases drastically. Therefore a
DC offset compensation circuit is implemented in the
TZA3044, which keeps the input of buffer A3 at its toggle
point in the absence of any input signal.
An input signal level detection is implemented to check if
the input signal is above the user-programmed level.
The outcome of this test is available at the PECL
outputs ST and STQ. This flag can also be used to prevent
the PECL outputs DOUT and DOUTQ from reacting to
noise in the absence of a valid input signal, by connecting
the output STQ to the input JAM. This insures that data will
only be transmitted when the input signal-to-noise ratio is
sufficient for low bit error rate system operation.
PECL logic
The logic level symbol definitions for PECL are shown in
Fig.4.
Input biasing
The input pins DIN and DINQ are DC biased at
approximately 2.55 V by an internal reference generator
(see Fig.5). The TZA3044 can be DC coupled, but AC
coupling is preferred. In case of DC coupling, the driving
source must operate within the allowable input signal
range (2.0 V to VCCA + 0.5 V). Also a DC offset voltage of


Similar Part No. - TZA3044U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044U PHILIPS-TZA3044U Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
More results

Similar Description - TZA3044U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com