Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3044B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TZA3044B
Description  SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3044B Datasheet(HTML) 4 Page - NXP Semiconductors

  TZA3044B Datasheet HTML 1Page - NXP Semiconductors TZA3044B Datasheet HTML 2Page - NXP Semiconductors TZA3044B Datasheet HTML 3Page - NXP Semiconductors TZA3044B Datasheet HTML 4Page - NXP Semiconductors TZA3044B Datasheet HTML 5Page - NXP Semiconductors TZA3044B Datasheet HTML 6Page - NXP Semiconductors TZA3044B Datasheet HTML 7Page - NXP Semiconductors TZA3044B Datasheet HTML 8Page - NXP Semiconductors TZA3044B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1999 Nov 03
4
Philips Semiconductors
Product specification
SDH/SONET STM4/OC12 and
1.25 Gbits/s Gigabit Ethernet postamplifiers
TZA3044; TZA3044B
PINNING
Note
1. Pin type abbreviations: O = Output, I = Input, S = power Supply and A = Analog function.
SYMBOL
PIN
TZA3044T
TZA3044TT
PAD
TZA3044U
TYPE(1)
DESCRIPTION
SUB
1
1, 14
S
substrate pin; must be at the same potential as pin AGND
TEST
2
2, 10, 15,
21, 26
for test purpose only; to be left open in the application
AGND
3
3, 4, 6, 9
S
analog ground; must be at the same potential as pin DGND
DIN
4
7
I
differential input; complementary to pin DINQ; DC bias level is set
internally at approximately 2.1 V
DINQ
5
8
I
differential input; complementary to pin DIN; DC bias level is set
internally at approximately 2.1 V
VCCA
6
11, 12
S
analog supply voltage; must be at the same potential as pin VCCD
CF
7
13
A
input for connection of capacitor to set time constant of level
detector input filter (optional); the capacitor should be connected
between VCCA and pin CF
JAM
8
16
I
PECL-compatible input (TTL compatible for the TZA3044B);
controls the output buffers pins DOUT and DOUTQ; when a LOW
signal is applied, the outputs will follow the input signal; when a
HIGH signal is applied, the output buffers will latch into LOW and
HIGH states respectively; when not connected, pin JAM is actively
pulled LOW
STQ
9
17
O
PECL-compatible status output of the input signal level detector
(TTL compatible for the TZA3044B); when the input signal is below
the user-programmed threshold level, this output is HIGH;
complementary to pin ST
ST
10
18
O
PECL-compatible status output of the input signal level detector
(TTL compatible for the TZA3044B); when the input signal is below
the user-programmed threshold level, this output is LOW;
complementary to pin STQ
DGND
11
19, 20, 22,
25
S
digital ground; must be at the same potential as pin AGND
DOUTQ
12
23
O
PECL-compatible differential output; forced into a HIGH condition
when pin JAM is HIGH; complementary to pin DOUT
DOUT
13
24
O
PECL-compatible differential output; forced into a LOW condition
when pin JAM is HIGH; complementary to pin DOUTQ
VCCD
14
27, 28
S
digital supply voltage; must be at the same potential as VCCA
Vref
15
29
O
band gap reference voltage; typical value is 1.2 V; internal series
resistor of 1 k
RSET
16
30
A
input signal level detector programming; nominal DC voltage is
VCCA − 1.5 V; threshold level is set by connecting an external
resistor between VCCA and pin RSET or by forcing a current into
pin RSET; default value for this resistor is 180 k
Ω which
corresponds with approximately 4 mV (p-p) differential input signal
n.c.
5, 31, 32
not connected


Similar Part No. - TZA3044B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
TZA3044U PHILIPS-TZA3044U Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
More results

Similar Description - TZA3044B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
logo
Agere Systems
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com