Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3041 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TZA3041
Description  Gigabit Ethernet/Fibre Channel laser drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3041 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TZA3041 Datasheet HTML 6Page - NXP Semiconductors TZA3041 Datasheet HTML 7Page - NXP Semiconductors TZA3041 Datasheet HTML 8Page - NXP Semiconductors TZA3041 Datasheet HTML 9Page - NXP Semiconductors TZA3041 Datasheet HTML 10Page - NXP Semiconductors TZA3041 Datasheet HTML 11Page - NXP Semiconductors TZA3041 Datasheet HTML 12Page - NXP Semiconductors TZA3041 Datasheet HTML 13Page - NXP Semiconductors TZA3041 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
2002 Aug 13
10
Philips Semiconductors
Product specification
Gigabit Ethernet/Fibre Channel laser
drivers
TZA3041AHL; TZA3041BHL;
TZA3041U
Automatic laser shut-down and laser slow start
The laser modulation and bias currents can be rapidly
switched off when a HIGH level (CMOS) is applied to
pin ALS. This function allows the circuit to be shut-down in
the event of an optical system malfunction. A 25 k
pull-down resistor defaults pin ALS to the non active state
(see Fig.11).
When a LOW level is applied to pin ALS, the modulation
and bias currents slowly increase to the desired values at
the typical time constants of
τONE and τZERO, respectively.
This can be used to slow-start the laser.
Manual laser override
The automatic laser control function can be overridden by
connecting voltage sources to pins TZERO and TONE to
take direct control of the current sources for bias and
modulation respectively. The control voltages should
range from 1.4 to 3.4 V to swing the modulation current
over the range 1 to 60 mA and the bias current over the
range 1 to 90 mA. These current ranges are guaranteed.
Due to the tolerance range in the manufacturing process,
some devices may have higher current values than those
specified, as shown in Figs 12 and 13. Both figures show
that temperature changes cause a slight tilting of the linear
characteristic around an input voltage of 2.4 V.
Consequently, the manually controlled current level is
most insensitive to temperature variations at around this
value. Bias and modulation currents in excess of the
specified range are not supported and should be avoided.
Currents into or out of pins TZERO and TONE in excess of
10
µA must be avoided to prevent damage to the circuit.
handbook, halfpage
MGS905
GND
40 pF
<1 nA
LINEAR VOLTAGE TO
CURRENT CONVERTER
TZERO, TONE
2.4 V
<1 nA
Fig.10 TZERO and TONE internal configuration.
handbook, halfpage
MGS911
25 k
VCC(R)
100
GND
ALS
100
Fig.11 ALS input.


Similar Part No. - TZA3041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
TZA3043B PHILIPS-TZA3043B Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
TZA3043BT PHILIPS-TZA3043BT Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
TZA3043BU PHILIPS-TZA3043BU Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
TZA3043T PHILIPS-TZA3043T Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
More results

Similar Description - TZA3041

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com