Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3044 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA3044
Description  SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3044 Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA3044 Datasheet HTML 1Page - NXP Semiconductors TZA3044 Datasheet HTML 2Page - NXP Semiconductors TZA3044 Datasheet HTML 3Page - NXP Semiconductors TZA3044 Datasheet HTML 4Page - NXP Semiconductors TZA3044 Datasheet HTML 5Page - NXP Semiconductors TZA3044 Datasheet HTML 6Page - NXP Semiconductors TZA3044 Datasheet HTML 7Page - NXP Semiconductors TZA3044 Datasheet HTML 8Page - NXP Semiconductors TZA3044 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1999 Nov 03
5
Philips Semiconductors
Product specification
SDH/SONET STM4/OC12 and
1.25 Gbits/s Gigabit Ethernet postamplifiers
TZA3044; TZA3044B
FUNCTIONAL DESCRIPTION
The TZA3044 accepts up to 1.25 Gbits/s data streams,
with amplitudes from 2 mV (p-p) up to 1.5 V (p-p)
single-ended. The input signal will be amplified and limited
to differential PECL output levels (see Fig.1).
The input buffer A1 presents an impedance of
approximately 4.5 k
Ω to the data stream on the inputs DIN
and DINQ. The input can be used both single-ended and
differential, but differential operation is preferred for better
performance.
Because of the high gain of the postamplifier, a very small
offset voltage would shift the decision level in such a way
that the input sensitivity decreases drastically. Therefore a
DC offset compensation circuit is implemented in the
TZA3044, which keeps the input of buffer A3 at its toggle
point in the absence of any input signal.
An input signal level detection is implemented to check if
the input signal is above the user-programmed level.
The outcome of this test is available at the PECL
outputs ST and STQ (TTL for the TZA3044B). This flag
can also be used to prevent the PECL outputs DOUT and
DOUTQ from reacting to noise in the absence of a valid
input signal, by connecting pin STQ to pin JAM. This
guarantees that data will only be transmitted when the
input signal-to-noise ratio is sufficient for low bit error rate
system operation.
PECL logic
The logic level symbol definitions for PECL are shown in
Fig.4.
Input biasing
The inputs, pins DIN and DINQ, are DC biased at
approximately 2.1 V by an internal reference generator
(see Fig.5). The TZA3044 can be DC coupled, but AC
coupling is preferred. In case of DC coupling, the driving
source must operate within the allowable input signal
range (1.3 V to VCCA). Also a DC offset voltage of more
than a few millivolts should be avoided, since the internal
DC offset compensation circuit has a limited correction
range.
If AC coupling is used to remove any DC compatibility
requirement, the coupling capacitors must be large
enough to pass the lowest input frequency of interest.
For example, 1 nF coupling capacitors react with the
internal 4.5 k
Ω input bias resistors to yield a lower −3dB
frequency of 35 kHz. This then sets a limit on the
maximum number of consecutive pulses that can be
sensed accurately at the system data rate. Capacitor
tolerance and resistor variation must be included for an
accurate calculation.
DC-offset compensation
A control loop connected between the inputs of buffer A3
and amplifier A1 (see Fig.1) will keep the input of buffer A3
at its toggle point in the absence of any input signal.
Because of the active offset compensation which is
integrated in the TZA3044, no external capacitor is
required. The loop time constant determines the lower
cut-off frequency of the amplifier chain, which is set at
approximately 850 Hz.
Input signal level detection
The TZA3044 allows for user-programmable input signal
level detection and can automatically disable the switching
of the PECL outputs if the input signal is below a set
threshold. This prevents the outputs from reacting to noise
in the absence of a valid input signal, and insures that data
will only be transmitted when the signal-to-noise ratio of
the input signal is sufficient for low bit-error-rate system
operation. Complementary PECL (TTL for the TZA3044B)
flags (pins ST and STQ) indicate whether the input signal
is above or below the programmed threshold level.
The input signal is amplified and rectified before being
compared to a programmable threshold reference. A filter
is included to prevent noise spikes from triggering the level
detector. This filter has a nominal 1
µs time constant and
additional filtering can be achieved by using an external
capacitor between VCCA and pin CF (the internal driving
impedance nominally is 25 k
Ω). The resultant signal is
then compared to a threshold current through pin RSET.
This current can be set by connecting an external resistor
between VCCA and pin RSET, or by forcing a current into
pin RSET (see Fig.6).


Similar Part No. - TZA3044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
TZA3044U PHILIPS-TZA3044U Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
More results

Similar Description - TZA3044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
logo
Agere Systems
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com