Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3034U Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TZA3034U
Description  SDH/SONET STM1/OC3 postamplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3034U Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TZA3034U Datasheet HTML 5Page - NXP Semiconductors TZA3034U Datasheet HTML 6Page - NXP Semiconductors TZA3034U Datasheet HTML 7Page - NXP Semiconductors TZA3034U Datasheet HTML 8Page - NXP Semiconductors TZA3034U Datasheet HTML 9Page - NXP Semiconductors TZA3034U Datasheet HTML 10Page - NXP Semiconductors TZA3034U Datasheet HTML 11Page - NXP Semiconductors TZA3034U Datasheet HTML 12Page - NXP Semiconductors TZA3034U Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Nov 03
9
Philips Semiconductors
Product specification
SDH/SONET STM1/OC3 postamplifier
TZA3034
Fig.9 PECL output termination schemes.
handbook, full pagewidth
VOQ
VO
VIQ
VI
R1 = 50
R1 = 50
Zo = 50 Ω
VCC − 2 V
MGR248
handbook, full pagewidth
VOQ
VO
VIQ
VI
Zo = 50 Ω
GND
VCC = 3.3 V
MGR249
R1 = 127
R2 = 82.5
R1 = 127
R2 = 82.5
handbook, full pagewidth
VOQ
VO
VIQ
VI
R1 = 83.3
R2 = 125
R1 = 83.3
R2 = 125
Zo = 50 Ω
GND
VCC = 5.0 V
MGR250


Similar Part No. - TZA3034U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034U PHILIPS-TZA3034U Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
More results

Similar Description - TZA3034U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
OQ2541HP PHILIPS-OQ2541HP Datasheet
172Kb / 36P
   SDH/SONET data and clock recovery unit STM1/4/16 OC3/12/48 GE
1999 May 27
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com