Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3030U Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TZA3030U
Description  SDH/SONET STM1/OC3 optical receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3030U Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TZA3030U Datasheet HTML 5Page - NXP Semiconductors TZA3030U Datasheet HTML 6Page - NXP Semiconductors TZA3030U Datasheet HTML 7Page - NXP Semiconductors TZA3030U Datasheet HTML 8Page - NXP Semiconductors TZA3030U Datasheet HTML 9Page - NXP Semiconductors TZA3030U Datasheet HTML 10Page - NXP Semiconductors TZA3030U Datasheet HTML 11Page - NXP Semiconductors TZA3030U Datasheet HTML 12Page - NXP Semiconductors TZA3030U Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Aug 24
9
Philips Semiconductors
Objective specification
SDH/SONET STM1/OC3 optical receiver
TZA3030
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6
V
Vn
DC voltage
pin 7: IPhoto
−0.5
+2
V
pin 14: RFTEST
−0.5
VCC + 0.5 V
pins 22, 23, 26 and 27: OUTPECL, OUTQPECL, LOS and LOSQ
VCC − 2VCC + 0.5 V
pins 18 and 19: OUTCML and OUTQCML
VCC − 2VCC + 0.5 V
pin 29: LOSTH
−0.5
VCC + 0.5 V
pin 10: BWC
−0.5
+3.2
V
pin 31: AGC
−0.5
VCC + 0.5 V
pin 11: Vref
−0.5
+3.2
V
pin 4: DREF
−0.5
VCC + 0.5 V
pin 15: OUTSEL
−0.5
VCC + 0.5 V
pin 28: LOSTTL
−0.5
VCC + 0.5 V
In
DC current
pin 7: IPhoto
−2.5
+2.5
mA
pin 14: RFTEST
−2+2
mA
pins 22, 23, 26 and 27: OUTPECL, OUTQPECL, LOS and LOSQ
−25
+10
mA
pins 18 and 19: OUTCML and OUTQCML
−15
+15
mA
pin 29: LOSTH
−2+2
mA
pin 10: BWC
−1+1
mA
pin 31: AGC
−0.2
+0.2
mA
pin 11: Vref
−2
+2.5
mA
pin 4: DREF
−2.5
+2.5
mA
pin 15: OUTSEL
−0.5
+0.5
mA
pin 28: LOSTTL
−16
+16
mA
Ptot
total power dissipation
600
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth(j-s)
thermal resistance from junction to solder point
tbf
K/W
Rth(j-a)
thermal resistance from junction to ambient
tbf
K/W


Similar Part No. - TZA3030U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3031 PHILIPS-TZA3031 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3031BHL PHILIPS-TZA3031BHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3031U PHILIPS-TZA3031U Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3033 PHILIPS-TZA3033 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3030U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
OQ2541HP PHILIPS-OQ2541HP Datasheet
172Kb / 36P
   SDH/SONET data and clock recovery unit STM1/4/16 OC3/12/48 GE
1999 May 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com