Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3014U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TZA3014U
Description  2.5 Gbits/s postamplifier with level detector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3014U Datasheet(HTML) 3 Page - NXP Semiconductors

  TZA3014U Datasheet HTML 1Page - NXP Semiconductors TZA3014U Datasheet HTML 2Page - NXP Semiconductors TZA3014U Datasheet HTML 3Page - NXP Semiconductors TZA3014U Datasheet HTML 4Page - NXP Semiconductors TZA3014U Datasheet HTML 5Page - NXP Semiconductors TZA3014U Datasheet HTML 6Page - NXP Semiconductors TZA3014U Datasheet HTML 7Page - NXP Semiconductors TZA3014U Datasheet HTML 8Page - NXP Semiconductors TZA3014U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2001 Jun 25
3
Philips Semiconductors
Product specification
2.5 Gbits/s postamplifier with level detector
TZA3014
BLOCK DIAGRAM
handbook, full pagewidth
MGU122
TZA3014
offset compensation
offset compensation
disable LOS output
comparator
1
×
level
buffer
cross-over
switch
(29) 23
amplifier
OUT
(30) 24
VCCB
(35) 27
LOS
(31) 25
GNDB
(27) 21
VCCB
(17) 14
Vref
(28) 22
OUTQ
LEVEL
12 (15)
VCCA
1
LOSTH
10 (12)
GNDA
32 (40)
VCCA
4
MUTE
31 (39)
TEST
15 (19)
INV
29 (37)
IN
2
INQ
3
BAND GAP
REFERENCE
(34) 26
RSSI
5 k
RSSI
Fig.1 Block diagram.
The numbers in parentheses refer to the pad numbers of the bare die version.


Similar Part No. - TZA3014U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3012HW NXP-TZA3012HW Datasheet
107Kb / 18P
   30 Mbit/s up to 3.2 Gbit/s A-Rate fiber-optic receiver
Rev. 01-15 December 2005
TZA3013 PHILIPS-TZA3013 Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3013AU PHILIPS-TZA3013AU Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
More results

Similar Description - TZA3014U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3019 PHILIPS-TZA3019 Datasheet
172Kb / 32P
   2.5 Gbits/s dual postamplifier with level detectors and 2 x 2 switch
2000 Apr 10
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com