Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3023 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TZA3023
Description  SDH/SONET STM4/OC12 transimpedance amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3023 Datasheet(HTML) 2 Page - NXP Semiconductors

  TZA3023 Datasheet HTML 1Page - NXP Semiconductors TZA3023 Datasheet HTML 2Page - NXP Semiconductors TZA3023 Datasheet HTML 3Page - NXP Semiconductors TZA3023 Datasheet HTML 4Page - NXP Semiconductors TZA3023 Datasheet HTML 5Page - NXP Semiconductors TZA3023 Datasheet HTML 6Page - NXP Semiconductors TZA3023 Datasheet HTML 7Page - NXP Semiconductors TZA3023 Datasheet HTML 8Page - NXP Semiconductors TZA3023 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Mar 29
2
Philips Semiconductors
Product specification
SDH/SONET STM4/OC12
transimpedance amplifier
TZA3023
FEATURES
• Wide dynamic input range from 1 µA to 1.5 mA
• Low equivalent input noise of 3.5 pA/√Hz (typical)
• Differential transimpedance of 21 kΩ
• Wide bandwidth from DC to 600 MHz
• Differential outputs
• On-chip Automatic Gain Control (AGC)
• No external components required
• Single supply voltage from 3.0 to 5.5 V
• Bias voltage for PIN diode
• Pin compatible with SA5223.
APPLICATIONS
• Digital fibre optic receiver in short, medium and long
haul optical telecommunications transmission systems
or in high-speed data networks
• Wideband RF gain block.
DESCRIPTION
The TZA3023 is a low-noise transimpedance amplifier with
AGC designed to be used in STM4/OC12 fibre optic links.
It amplifies the current generated by a photo detector
(PIN diode or avalanche photodiode) and converts it to a
differential output voltage.
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TZA3023T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TZA3023U
bare die in waffle pack carriers; die dimensions 1.030
× 1.300 mm
handbook, full pagewidth
GAIN
CONTROL
BIASING
A1
1 (1)
8 (11, 12)
DREF
3 (4)
IPhoto
low noise
amplifier
single-ended to
differential converter
VCC
2, 4, 5 (2, 3, 5, 6, 7, 8)
GND
AGC(1)
peak detector
TZA3023
6 (9) OUT
7 (10) OUTQ
MGK918
2
k
(13)
Fig.1 Block diagram.
The numbers in brackets refer to the pad numbers of the bare die version.
(1) AGC analog I/O is only available on the TZA3023U (pad 13).


Similar Part No. - TZA3023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3023 PHILIPS-TZA3023 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com