Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3013A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TZA3013A
Description  SDH/SONET STM16/OC48 transimpedance amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3013A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TZA3013A Datasheet HTML 2Page - NXP Semiconductors TZA3013A Datasheet HTML 3Page - NXP Semiconductors TZA3013A Datasheet HTML 4Page - NXP Semiconductors TZA3013A Datasheet HTML 5Page - NXP Semiconductors TZA3013A Datasheet HTML 6Page - NXP Semiconductors TZA3013A Datasheet HTML 7Page - NXP Semiconductors TZA3013A Datasheet HTML 8Page - NXP Semiconductors TZA3013A Datasheet HTML 9Page - NXP Semiconductors TZA3013A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2001 Feb 26
6
Philips Semiconductors
Product specification
SDH/SONET STM16/OC48
transimpedance amplifier
TZA3013A; TZA3013B
PIN diode bias voltage DREF
The performance of an optical receiver is largely
determined by the combined effect of the transimpedance
amplifier and the PIN diode. In particular, the method used
to connect the PIN diode to the input and the layout around
the input pad strongly influences the main parameters of a
transimpedance amplifier, such as sensitivity, bandwidth,
and PSRR. Sensitivity is most affected by the value of the
total capacitance at the input pad. Therefore, to obtain the
highest possible sensitivity requires the value of total
capacitance to be as low as possible by reducing the
capacitance of the PIN diode and the parasitics around the
input pad. To minimize parasitics, the PIN diode should be
placed as close as physically possible to the IC. The
capacitance of the PIN diode can be reduced by making
the value of reverse voltage across it as high as possible.
The PIN diode can be connected to the input in two ways.
Figure 5 shows the PIN diode connected between
pads DREF and IN.
Pad DREF provides an easy bias voltage for the
PIN diode. The voltage at DREF is derived from VCC by a
low-pass filter comprising internal resistor R1 and external
capacitor C2 which decouples any supply voltage noise.
The value of external capacitor C2 affects the value of
PSRR and should have a minimum value of 100 pF.
Increasing this value increases the value of PSRR.
For a supply voltage of 3.3 V, the reverse voltage across
the PIN diode is 2.438 V (3.3 V
− 0.862 V). It is preferable
to connect the cathode of the PIN diode to a voltage higher
than VCC if there is one available on the PCB, leaving
pad DREF unconnected. If a negative supply voltage is
available, the configuration shown in Fig.6 can be used.
It should be noted that in this configuration, the direction of
the signal current is reversed to that shown in Fig.5. It is
essential that the PIN diode bias voltage is correctly
filtered to achieve the highest possible level of sensitivity.
handbook, halfpage
R1
270
C2
100 pF
VCC
Ii
1
30
TZA3013
2
IN
DREF
MGU120
Fig.5
The PIN diode connected between the input
and pad DREF.
handbook, halfpage
MGT103
270
VCC
Ii
1
30
TZA3013
2
IN
DREF
negative supply
Fig.6
The PIN diode connected between the input
and a negative supply voltage.


Similar Part No. - TZA3013A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3012HW NXP-TZA3012HW Datasheet
107Kb / 18P
   30 Mbit/s up to 3.2 Gbit/s A-Rate fiber-optic receiver
Rev. 01-15 December 2005
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
TZA3014HT PHILIPS-TZA3014HT Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
TZA3014U PHILIPS-TZA3014U Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
More results

Similar Description - TZA3013A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2535HP PHILIPS-OQ2535HP Datasheet
108Kb / 19P
   SDH/SONET STM16/OC48 multiplexer
1999 Oct 04
OQ2536HP PHILIPS-OQ2536HP Datasheet
127Kb / 20P
   SDH/SONET STM16/OC48 demultiplexer
1998 Mar 10
OQ2545HP PHILIPS-OQ2545HP Datasheet
688Kb / 28P
   SDH/SONET STM16/OC48 laser drivers
1999 Aug 24
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
Agere Systems
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com