Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WH104 Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # WH104
Description  CHIP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

WH104 Datasheet(HTML) 3 Page - Seoul Semiconductor

  WH104 Datasheet HTML 1Page - Seoul Semiconductor WH104 Datasheet HTML 2Page - Seoul Semiconductor WH104 Datasheet HTML 3Page - Seoul Semiconductor WH104 Datasheet HTML 4Page - Seoul Semiconductor WH104 Datasheet HTML 5Page - Seoul Semiconductor WH104 Datasheet HTML 6Page - Seoul Semiconductor WH104 Datasheet HTML 7Page - Seoul Semiconductor WH104 Datasheet HTML 8Page - Seoul Semiconductor WH104 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4. Ranks
(1) Luminous Intensity: Iv [mcd]
Rank
Iv [mcd]
Condition
A
35~55
B
55~110
IF =5mA
(2) Color Coordinate
: x, y
Rank
A
Condition
x
0.230
0.270
0.285
0.245
y
0.220
0.220
0.250
0.250
IF=5mA
Rank
B
Condition
x
0.245
0.285
0.303
0.263
y
0.250
0.250
0.280
0.280
IF=5mA
Rank
C
Condition
x
0.263
0.303
0.281
0.321
y
0.280
0.280
0.310
0.310
IF=5mA
Rank
D
Condition
x
0.281
0.321
0.340
0.300
y
0.310
0.310
0.340
0.340
IF=5mA
(3) Forward voltage: VF
Rank
VF (V)
Condition
A
2.7
2.8
B
2.8
2.9
C
2.9
3.0
D
3.0
3.1
IF = 5mA
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 3/9 -
SSC-WH104-#
SSC-QP-0401-06(REV.0)


Similar Part No. - WH104

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
WH104-C SEOUL-WH104-C Datasheet
556Kb / 10P
   CHIP LED DEVICE
WH104-LC SEOUL-WH104-LC Datasheet
1Mb / 13P
   Small size suitable for compact appliances.
WH104-NZ SEOUL-WH104-NZ Datasheet
1Mb / 13P
   Small size suitable for compact appliances
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
WH104L-H SEOUL-WH104L-H Datasheet
161Kb / 6P
   CHIP LED DEVICE
More results

Similar Description - WH104

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com