Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA1026 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TZA1026
Description  Data amplifier and laser supply circuit for CD audio and video optical systems ADALASAuto
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1026 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TZA1026 Datasheet HTML 7Page - NXP Semiconductors TZA1026 Datasheet HTML 8Page - NXP Semiconductors TZA1026 Datasheet HTML 9Page - NXP Semiconductors TZA1026 Datasheet HTML 10Page - NXP Semiconductors TZA1026 Datasheet HTML 11Page - NXP Semiconductors TZA1026 Datasheet HTML 12Page - NXP Semiconductors TZA1026 Datasheet HTML 13Page - NXP Semiconductors TZA1026 Datasheet HTML 14Page - NXP Semiconductors TZA1026 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1998 Oct 30
11
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
audio and video optical systems (ADALASAuto)
TZA1026
Fig.5 Equalizer gain and delay for n = 1.
Definition of delay:
t
d
ϕ
360
----------


f
-----------------
=
(1) Gain.
(2) Delay.
handbook, halfpage
12
−4
MGR520
10−1
110
0
4
8
246
248
250
252
254
G
(dB)
td
(ns)
f (MHz)
(2)
(1)
Fig.6 Equalizer gain and delay for n = 2.
Definition of delay:
t
d
ϕ
360
----------


f
-----------------
=
(1) Gain.
(2) Delay.
handbook, halfpage
12
−4
MGR521
10−1
110
0
4
8
124
126
128
130
132
G
(dB)
td
(ns)
f (MHz)
(2)
(1)
Fig.7 Gain and delay for n = 4.
Definition of delay:
t
d
ϕ
360
----------


f
-----------------
=
(1) Gain.
(2) Delay.
handbook, halfpage
−4
−2
10−1
110
41
43
45
47
G
(dB)
td
(ns)
f (MHz)
(2)
(1)
2
0
MGR522
Table 1
Recommended values of component per speed
for application diagram of Figs 8 and 9
nC1
147 pF
222 pF
410 pF


Similar Part No. - TZA1026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1020 PHILIPS-TZA1020 Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020A PHILIPS-TZA1020A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020HP PHILIPS-TZA1020HP Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1020HP/A PHILIPS-TZA1020HP/A Datasheet
153Kb / 36P
   Pre-amplifiers for CD-RW systems
2000 Oct 30
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
More results

Similar Description - TZA1026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA1024 PHILIPS-TZA1024 Datasheet
134Kb / 20P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS
1998 Oct 30
TZA1025 PHILIPS-TZA1025 Datasheet
122Kb / 16P
   Data amplifier and laser supply circuit for CD audio and video optical systems ADALASLC
1998 Oct 30
TZA1015 PHILIPS-TZA1015 Datasheet
100Kb / 20P
   Data amplifier and laser supply circuit for CD and read-only optical systems HDALAS
1999 Aug 19
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TZA1022 PHILIPS-TZA1022 Datasheet
459Kb / 14P
   Preamplifier and laser supply for CD/CDRW read-only optical systems (TRICINTA)
1998 Apr 02
logo
Rohm
BA3963 ROHM-BA3963 Datasheet
96Kb / 9P
   System power supply for CD player equipped audio systems
BA3950A ROHM-BA3950A Datasheet
103Kb / 8P
   System power supply for CD player equipped audio systems
logo
NXP Semiconductors
TEA7650H PHILIPS-TEA7650H Datasheet
235Kb / 23P
   Video signal processor for CD-video/laser vision
September 1990
logo
Sanyo Semicon Device
LC89581 SANYO-LC89581 Datasheet
162Kb / 10P
   Encoder for CD-ROM and CD-1 Data
LC89583 SANYO-LC89583 Datasheet
272Kb / 15P
   Data Encoder for CD-WO and CD-MO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com