Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64338023S Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD64338023S
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
Download  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338023S Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD64338023S Datasheet HTML 7Page - Renesas Technology Corp HD64338023S Datasheet HTML 8Page - Renesas Technology Corp HD64338023S Datasheet HTML 9Page - Renesas Technology Corp HD64338023S Datasheet HTML 10Page - Renesas Technology Corp HD64338023S Datasheet HTML 11Page - Renesas Technology Corp HD64338023S Datasheet HTML 12Page - Renesas Technology Corp HD64338023S Datasheet HTML 13Page - Renesas Technology Corp HD64338023S Datasheet HTML 14Page - Renesas Technology Corp HD64338023S Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xi of xlii
Item
Page
Revision (See Manual for Details)
1.3.1 Pin
Arrangement
Figure 1.4 Pin
Arrangement (TLP-
85V, H8/38024R
Group, H8/38024S
Group)
12
Title amended
1.3.2 Pin Functions
Table 1.5 Pin
Functions
20, 24
Table amended and note 5 added
Pin No.
Type
Symbol
FP-80A
TFP-80C
FP-80B TLP-85V
Pad
No.*
1
Pad
No.*
2
Pad
No.*
3
I/O
Name and Functions
X1
6
8
D3
6
7
6
Input
Clock
pins
X2
7
9
D2
7
8
7
Output
These pins connect to a
32.768-kHz or 38.4-kHz*
5
crystal oscillator.
See section 4, Clock
Pulse Generators, for a
typical connection
diagram.
5. Does not apply to H8/38124 Group.
2.8.1 Memory Map
Figure 2.16(1)
H8/38024,
H8/38024S, and
H8/38124 Memory
Map
61
Figure amended
HD64338024 (mask ROM version)
HD64338024S (mask ROM version)
HD64338124 (mask ROM version)
HD64738024 (PROM version)
Figure 2.16(3)
H8/38022,
H8/38022S, and
H8/38122 Memory
Map
63
Figure replaced
2.9.1 Notes on Data
Access
Figure 2.17 Data
Size and Number of
States for Access to
and from On-Chip
Peripheral Modules
67
Notes amended
3. Only the HD64F38024, HD64F38024R, HD64F38122, and HD64F38124 are equipped with
internal I/O registers from H'F020 to H'F02B and on-chip RAM from H'F780 to H'FB7F.
Attempting to access these areas on products other than the HD64F38024, HD64F38024R,
HD64F38122, and HD64F38124 will result in access to an empty area.
3.3.2 Interrupt
Control Registers
Interrupt Request
Register 1 (IRR1)
Bit 7
85
Table amended
Setting conditions:
When the timer A counter value overflows


Similar Part No. - HD64338023S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64338023S RENESAS-HD64338023S Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64338023SD RENESAS-HD64338023SD Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64338023SH RENESAS-HD64338023SH Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64338023SLPIV RENESAS-HD64338023SLPIV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64338023SLPV RENESAS-HD64338023SLPV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
More results

Similar Description - HD64338023S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83827R RENESAS-H83827R Datasheet
5Mb / 663P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838524 RENESAS-H838524 Datasheet
3Mb / 544P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com